Electronic Components Datasheet Search
  English  ▼

X  

FX828 Datasheet(PDF) 24 Page - CML Microcircuits

Part # FX828
Description  CTCSS/DCS/SELCALL Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX828 Datasheet(HTML) 24 Page - CML Microcircuits

Back Button FX828 Datasheet HTML 20Page - CML Microcircuits FX828 Datasheet HTML 21Page - CML Microcircuits FX828 Datasheet HTML 22Page - CML Microcircuits FX828 Datasheet HTML 23Page - CML Microcircuits FX828 Datasheet HTML 24Page - CML Microcircuits FX828 Datasheet HTML 25Page - CML Microcircuits FX828 Datasheet HTML 26Page - CML Microcircuits FX828 Datasheet HTML 27Page - CML Microcircuits FX828 Datasheet HTML 28Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
CTCSS/DCS/SELCALL Processor
FX828
© 2009 CML Microsystems Plc
24
D/828/4
1.6.10 Tx Tone Program Table : Selcall
The following two tables list commonly used Selcall tonesets together with the values for programming the
‘SELCALL TX’ register ($8D).
EEA
CCIR
Freq.
(Hz)
Byte 1
(hex)
Byte 2
(hex)
Freq.
(Hz)
Byte 1
(hex)
Byte 2
(hex)
1981
01
FD
1981
01
FD
1124
03
81
1124
03
81
1197
03
4A
1197
03
4A
1275
03
17
1275
03
17
1358
02
E6
1358
02
E6
1446
02
B9
1446
02
B9
1540
02
8F
1540
02
8F
1640
02
67
1640
02
67
1747
02
41
1747
02
41
1860
02
1E
1860
02
1E
1055
03
BB
2400
01
A4
930
04
3C
930
04
3C
2247
01
C1
2247
01
C1
991
03
F9
991
03
F9
2110
01
DE
2110
01
DE
ZVEI 1
ZVEI 2
Freq.
(Hz)
Byte 1
(hex)
Byte 2
(hex)
Freq.
(Hz)
Byte 1
(hex)
Byte 2
(hex)
2400
01
A4
2400
01
A4
1060
03
B7
1060
03
B7
1160
03
65
1160
03
65
1270
03
1A
1270
03
1A
1400
02
D0
1400
02
D0
1530
02
93
1530
02
93
1670
02
5C
1670
02
5C
1830
02
27
1830
02
27
2000
01
F8
2000
01
F8
2200
01
CA
2200
01
CA
2800
01
68
885
04
73
810
04
DC
810
04
DC
970
04
0F
740
04
0F
885
04
73
680
05
CA
2600
01
84
970
04
0F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com