Electronic Components Datasheet Search
  English  ▼

X  

FX828 Datasheet(PDF) 25 Page - CML Microcircuits

Part # FX828
Description  CTCSS/DCS/SELCALL Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX828 Datasheet(HTML) 25 Page - CML Microcircuits

Back Button FX828 Datasheet HTML 21Page - CML Microcircuits FX828 Datasheet HTML 22Page - CML Microcircuits FX828 Datasheet HTML 23Page - CML Microcircuits FX828 Datasheet HTML 24Page - CML Microcircuits FX828 Datasheet HTML 25Page - CML Microcircuits FX828 Datasheet HTML 26Page - CML Microcircuits FX828 Datasheet HTML 27Page - CML Microcircuits FX828 Datasheet HTML 28Page - CML Microcircuits FX828 Datasheet HTML 29Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
CTCSS/DCS/SELCALL Processor
FX828
© 2009 CML Microsystems Plc
25
D/828/4
1.6.11 Rx Tone Program Table : Selcall
The following two tables list commonly used Selcall tonesets together with the values for programming the
‘RX TONE PROGRAM’ register ($84) in each Tone Address location as shown.
EEA
CCIR
Tone
Address
Freq.
(Hz)
Byte 1
(hex)
Byte 2
(hex)
Freq.
(Hz)
Byte 1
(hex)
Byte 2
(hex)
0
1981
A
A
1981
A
A
1
1124
15
C3
1124
15
C3
2
1197
26
D
1197
26
D
3
1275
36
85
1275
36
85
4
1358
46
D1
1358
46
D1
5
1446
57
4D
1446
57
4D
6
1540
67
CB
1540
67
CB
7
1640
78
4B
1640
78
4B
8
1747
88
CD
1747
88
CD
9
1860
99
84
1860
99
84
10
1055
A5
51
2400
AC
44
11
930
B4
C4
930
B4
C4
12
2247
CB
83
2247
CB
83
13
991
D5
A
991
D5
A
14
2110
EA
C5
2110
EA
C5
ZVEI 1
ZVEI 2
Tone
Address
Freq.
(Hz)
Byte 1
(hex)
Byte 2
(hex)
Freq.
(Hz)
Byte 1
(hex)
Byte 2
(hex)
0
2400
C
44
2400
C
44
1
1060
15
53
1060
15
53
2
1160
25
D2
1160
25
D2
3
1270
36
83
1270
36
83
4
1400
47
E
1400
47
E
5
1530
57
C8
1530
57
C8
6
1670
68
86
1670
68
86
7
1830
79
49
1830
79
49
8
2000
8A
42
2000
8A
42
9
2200
9B
43
2200
9B
43
10
2800
AE
46
885
A4
86
11
810
B4
14
810
B4
14
12
970
C4
D8
740
C3
C8
13
885
D4
86
680
D3
80
14
2600
ED
45
970
E4
D8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com