Electronic Components Datasheet Search
  English  ▼

X  

FX828 Datasheet(PDF) 16 Page - CML Microcircuits

Part # FX828
Description  CTCSS/DCS/SELCALL Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX828 Datasheet(HTML) 16 Page - CML Microcircuits

Back Button FX828 Datasheet HTML 12Page - CML Microcircuits FX828 Datasheet HTML 13Page - CML Microcircuits FX828 Datasheet HTML 14Page - CML Microcircuits FX828 Datasheet HTML 15Page - CML Microcircuits FX828 Datasheet HTML 16Page - CML Microcircuits FX828 Datasheet HTML 17Page - CML Microcircuits FX828 Datasheet HTML 18Page - CML Microcircuits FX828 Datasheet HTML 19Page - CML Microcircuits FX828 Datasheet HTML 20Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
CTCSS/DCS/SELCALL Processor
FX828
© 2009 CML Microsystems Plc
16
D/828/4
A
f
(Hz)
4 x f
(Hz)
XTAL
TONE
=
where A is the binary number programmed into the 13 bits.
When Bit 7 (in the first 8 bits) is set to "1" the tone output is set at VBIAS or NOTONE without regard to the
number "A" programmed. When Bit 7 is "0" the programmed tone is set on the output. Programming the
bits 0 to 12 to "0" puts the Tx into powersave and the output goes to VBIAS. Powersave is also achieved
by disabling the SELCALL Tx.
8-bit Read Only Registers
HEX
ADDRESS/
COMMAND
REGISTER
NAME
BIT 7
(D7)
BIT 6
(D6)
BIT 5
(D5)
BIT 4
(D4)
BIT 3
(D3)
BIT 2
(D2)
BIT 1
(D1)
BIT 0
(D0)
SELCALL &
DCS
CTCSS
RX TONE
$81
SUB-AUDIO
DECODE/
FAST
0
TONE
MSB
LSB
STATUS
NO DECODE
TONE
DECODE
BIT 3
BIT 2
BIT 1
BIT 0
GP TIMER
COMP
COMP
TONE
CTCSS FAST
DCS
$8F
IRQ FLAG
0
IRQ
0 to 1
1 to 0
IRQ
IRQ
0
IRQ
FLAG
IRQ FLAG
IRQ FLAG
FLAG
FLAG
FLAG
Read Only Register Description
SELCALL and SUB-AUDIO STATUS Register (Hex address $81)
This register is used to indicate the status of the device as described below:
DCS DECODE/NO
DECODE
(Bit 7)
When the DCS decoder is enabled this bit is continuously updated with the
result.
A "1" indicates a successful decode (with 3 or less errors).
A "0"
indicates a failure to decode.
CTCSS FAST TONE
(Bit 6)
When Bit 5 in the SIGNALLING CONTROL Register and Bit 3 in the
SIGNALLING SET-UP Register are set to enable FAST CTCSS DETECT mode,
this bit will be set to "1" if a periodic tone is detected. If no periodic tone is
detected this bit will be "0".
When bits 5 and 3 are set to enable FAST CTCSS PREDICTIVE mode, this bit
will be set to "1" if a periodic tone that matches the frequency programmed in
the CTCSS TX/FAST RX FREQUENCY Register is detected. If no match is
found this bit will be "0".
When Bit 5 in the SIGNALLING CONTROL Register is set to "0" this bit will be
"0".
(Bit 5)
Reserved for future use. This will be set to "0" but should be ignored by the
user's software.
TONE DECODE
(Bit 4)
This bit indicates the status of the tone decoder. A "1" indicates a tone has
been detected (TONE DECODE) and a "0" indicates the loss of the tone
(NOTONE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com