Electronic Components Datasheet Search
  English  ▼

X  

ADRF6801 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF6801
Description  750 MHz to 1150 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6801 Datasheet(HTML) 4 Page - Analog Devices

  ADRF6801 Datasheet HTML 1Page - Analog Devices ADRF6801 Datasheet HTML 2Page - Analog Devices ADRF6801 Datasheet HTML 3Page - Analog Devices ADRF6801 Datasheet HTML 4Page - Analog Devices ADRF6801 Datasheet HTML 5Page - Analog Devices ADRF6801 Datasheet HTML 6Page - Analog Devices ADRF6801 Datasheet HTML 7Page - Analog Devices ADRF6801 Datasheet HTML 8Page - Analog Devices ADRF6801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADRF6801
Rev. 0 | Page 4 of 36
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
PHASE NOISE (USING 130 kHz LOOP FILTER)
fLO = 900 MHz, fREF = 26 MHz, fPFD = 26 MHz, measured
at BB outputs with fBB = 50 MHz
1 kHz offset
−99.5
dBc/Hz
10 kHz offset
−107.8
dBc/Hz
100 kHz offset
−106.6
dBc/Hz
500 kHz offset
−126.7
dBc/Hz
1 MHz offset
−131.7
dBc/Hz
5 MHz offset
−143.5
dBc/Hz
10 MHz offset
−150.5
dBc/Hz
Integrated Phase Noise
1 kHz to 10 MHz integration bandwidth
0.16
°rms
PHASE NOISE (USING 2.5 kHz LOOP FILTER)
fLO = 900 MHz, fREF = 26 MHz, fPFD = 26 MHz, measured
at BB outputs with fBB = 50 MHz
1 kHz offset
−71.3
dBc/Hz
10 kHz offset
−88.3
dBc/Hz
100 kHz offset
−114.1
dBc/Hz
500 kHz offset
−129.5
dBc/Hz
1 MHz offset
−138.6
dBc/Hz
5 MHz offset
−150.2
dBc/Hz
10 MHz offset
−150.3
dBc/Hz
PLL FIGURE OF MERIT (FOM)
Measured with fREF = 26 MHz, fPFD = 26 MHz
−215.4
dBc/Hz/Hz
Measured with fREF = 104 MHz, fPFD = 26 MHz
−220.9
dBc/Hz/Hz
Phase Detector Frequency
20
26
40
MHz
REFERENCE CHARACTERISTICS
REFIN, MUXOUT pins
REFIN Input Frequency
Usable range
10
160
MHz
REFIN Input Capacitance
4
pF
MUXOUT Output Level
VOL (lock detect output selected)
0.25
V
VOH (lock detect output selected)
2.7
V
REFOUT Duty Cycle
50
%
CHARGE PUMP
Pump Current
500
μA
Output Compliance Range
1
2.8
V
LOGIC INPUTS
CLK, DATA, LE pins
Input High Voltage, VINH
1.4
3.3
V
Input Low Voltage, VINL
0
0.7
V
Input Current, IINH/IINL
0.1
μA
Input Capacitance, CIN
5
pF
POWER SUPPLIES
VCC1, VCC2, VCCLO, VCCBB, VCCRF pins
Voltage Range (5 V)
4.75
5
5.25
V
Supply Current (5 V)
Normal Rx mode, internal LO
262
mA
Rx mode, internal LO with LO buffer enabled
288
mA
Rx mode, using external LO input (internal VCO, PLL shut
down)
157
mA
Supply Current (5 V)
Power-down mode
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com