Electronic Components Datasheet Search
  English  ▼

X  

ADRF6801 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF6801
Description  750 MHz to 1150 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6801 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF6801 Datasheet HTML 5Page - Analog Devices ADRF6801 Datasheet HTML 6Page - Analog Devices ADRF6801 Datasheet HTML 7Page - Analog Devices ADRF6801 Datasheet HTML 8Page - Analog Devices ADRF6801 Datasheet HTML 9Page - Analog Devices ADRF6801 Datasheet HTML 10Page - Analog Devices ADRF6801 Datasheet HTML 11Page - Analog Devices ADRF6801 Datasheet HTML 12Page - Analog Devices ADRF6801 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ADRF6801
Rev. 0 | Page 9 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, TA = 25°C, unless otherwise noted. LO = 750 MHz to 1150 MHz.
0
2
4
6
8
10
12
14
16
750
800
850
900
950
1000
1050
1100
1150
LO FREQUENCY (MHz)
GAIN
IP1dB
TA = +85°C
TA = +25°C
TA = –40°C
Figure 4. Conversion Gain and Input P1dB vs. LO Frequency
15
17
19
21
23
25
27
29
31
33
35
750
800
850
900
950
1000
1050
1100
1150
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 5. Input IP3 vs. LO Frequency
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
750
800
850
900
950
1000
1050
1100
1150
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 6. IQ Gain Mismatch vs. LO Frequency
50
55
60
65
70
75
80
750
800
850
900
950
1000
1050
1100
1150
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
I CHANNEL
Q CHANNEL
Figure 7. Input IP2 vs. LO Frequency
10
11
12
13
14
15
16
17
18
19
20
750
800
850
900
950
1000
1050
1100
1150
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 8. Noise Figure vs. LO Frequency
–5
–4
–3
–2
–1
0
1
2
3
4
5
750
800
850
900
950
1000
1050
1100
1150
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 9. IQ Quadrature Phase Error vs. LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com