Electronic Components Datasheet Search
  English  ▼

X  

ADRF6801 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6801
Description  750 MHz to 1150 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6801 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6801 Datasheet HTML 8Page - Analog Devices ADRF6801 Datasheet HTML 9Page - Analog Devices ADRF6801 Datasheet HTML 10Page - Analog Devices ADRF6801 Datasheet HTML 11Page - Analog Devices ADRF6801 Datasheet HTML 12Page - Analog Devices ADRF6801 Datasheet HTML 13Page - Analog Devices ADRF6801 Datasheet HTML 14Page - Analog Devices ADRF6801 Datasheet HTML 15Page - Analog Devices ADRF6801 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ADRF6801
Rev. 0 | Page 12 of 36
SYNTHESIZER/PLL
VS = 5 V. See the Register Structure section for recommended settings used. External loop filter bandwidths of ~130 kHz and 2.5 kHz
used (see plots within this section for annotations), fREF = fPFD = 26 MHz, measured at BB output, fBB = 50 MHz, unless otherwise noted.
–160
–140
–120
–100
–80
–60
–40
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
2.5kHz LOOP FILTER
BANDWIDTH
130kHz LOOP FILTER
BANDWIDTH
TA = +85°C
TA = +25°C
TA = –40°C
Figure 21. Phase Noise vs. Offset Frequency, fLO = 900 MHz, Shown for Loop
Filter Bandwidths of 2.5 kHz and 130 kHz
–110
–105
–100
–95
–90
–85
–80
–75
–70
750
800
850
900
950
1000
1050
1100
1150
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
1 × PFD FREQUENCY
3 × PFD FREQUENCY
0.5 × PFD FREQUENCY
Figure 22. PLL Reference Spurs vs. LO Frequency, Using Loop Filter
Bandwidth of 130 kHz
–110
–105
–100
–95
–90
–85
–80
–75
–70
750
800
850
900
950
1000
1050
1100
1150
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
2 × PFD FREQUENCY
4 × PFD FREQUENCY
Figure 23. PLL Reference Spurs vs. LO Frequency, Using Loop Filter
Bandwidth of 130 kHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
750
800
850
900
950
1000
1050
1100
1150
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 24. Integrated Phase Noise vs. LO Frequency (Spurs Omitted), Using
Loop Filter Bandwidth of 130 kHz
–170
–150
–130
–110
–90
–70
–50
750
800
850
900
950
1000
1050
1100
1150
LO FREQUENCY (MHz)
1kHz OFFSET
10kHz
OFFSET
5MHz
OFFSET
10kHz
OFFSET
1kHz
OFFSET
5MHz
OFFSET
130kHz LOOP FILTER BANDWIDTH
2.5kHz LOOP FILTER BANDWIDTH
TA = +85°C
TA = +25°C
TA = –40°C
Figure 25. Phase Noise vs. LO Frequency (1 kHz, 10 kHz, and 5 MHz Offsets),
Shown for Loop Filter Bandwidths of 2.5 kHz and 130 kHz
–160
–150
–140
–130
–120
–110
–100
–90
750
800
850
900
950
1000
1050
1100
1150
LO FREQUENCY (MHz)
100kHz OFFSET
1MHz OFFSET
100kHz OFFSET
130kHz LOOP FILTER BANDWIDTH
2.5kHz LOOP FILTER BANDWIDTH
TA = +85°C
TA = +25°C
TA = –40°C
1MHz OFFSET
Figure 26. Phase Noise vs. LO Frequency (100 kHz and 1 MHz Offsets), Shown
for Loop Filter Bandwidths of 2.5 kHz and 130 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com