Electronic Components Datasheet Search
  English  ▼

X  

ADRF6801 Datasheet(PDF) 32 Page - Analog Devices

Part # ADRF6801
Description  750 MHz to 1150 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6801 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADRF6801 Datasheet HTML 28Page - Analog Devices ADRF6801 Datasheet HTML 29Page - Analog Devices ADRF6801 Datasheet HTML 30Page - Analog Devices ADRF6801 Datasheet HTML 31Page - Analog Devices ADRF6801 Datasheet HTML 32Page - Analog Devices ADRF6801 Datasheet HTML 33Page - Analog Devices ADRF6801 Datasheet HTML 34Page - Analog Devices ADRF6801 Datasheet HTML 35Page - Analog Devices ADRF6801 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ADRF6801
Rev. 0 | Page 32 of 36
AGILENT E3631A
POWER SUPPLY
REF
RF SWITCH MATRIX
ADRF6801
EVALUATION BOARD
RF
6dB
3dB
6dB
I CH
10-PIN
CONNECTION
(+5V VPOS1,
DC MEASURE)
9-PIN D-SUB CONNECTION
(VCO AND PLL PROGRAMMING)
IEEE
Q CH
AGILENT DMM
(FOR ISUPPLY MEAS.)
REF
E
IEEE
IEEE
IEEE
IEEE
IEEE
6dB
RF1
AGILENT N8974A
NOISE FIGURE ANALYZER
AGILENT 346B
NOISE SOURCE
AGILENT 8665B
LOW NOISE SYN
SIGNAL GENERATOR
10MHz
LOW-PASS FILTER
RF
3dB
AGILENT 34980A
MULTIFUNCTION
SWITCH
(WITH 34950 AND 2×
34921 MODULES)
Figure 49. Noise Figure Characterization Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com