Electronic Components Datasheet Search
  English  ▼

X  

ADRF6801 Datasheet(PDF) 25 Page - Analog Devices

Part # ADRF6801
Description  750 MHz to 1150 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6801 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADRF6801 Datasheet HTML 21Page - Analog Devices ADRF6801 Datasheet HTML 22Page - Analog Devices ADRF6801 Datasheet HTML 23Page - Analog Devices ADRF6801 Datasheet HTML 24Page - Analog Devices ADRF6801 Datasheet HTML 25Page - Analog Devices ADRF6801 Datasheet HTML 26Page - Analog Devices ADRF6801 Datasheet HTML 27Page - Analog Devices ADRF6801 Datasheet HTML 28Page - Analog Devices ADRF6801 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
ADRF6801
Rev. 0 | Page 25 of 36
The package for the ADRF6801 features an exposed paddle on
the underside that should be well soldered to an exposed
opening in the solder mask on the evaluation board. Figure 43
illustrates the dimensions used in the layout of the ADRF6801
footprint on the ADRF6801 evaluation board (1 mil. = 0.0254 mm).
Note the use of nine via holes on the exposed paddle. These
ground vias should be connected to all other ground layers on
the evaluation board to maximize heat dissipation from the device
package. Under these conditions, the thermal impedance of the
ADRF6801 was measured to be approximately 30°C/W in still air.
0.168
0.232
0.177
0.035
0.050
0.012
0.025
0.020
Figure 43. Evaluation Board Layout Dimensions for the ADRF6801 Package
Figure 44. ADRF6801 Evaluation Board Top Layer
Figure 45. ADRF6801 Evaluation Board Bottom Layer
Table 5. Evaluation Board Configuration Options
Component
Function
Default Condition
VCC, VCC2, VCC4, VCO_LDO, VCC_LO,
VCC_LO1, VCC_RF, VCC_BB1, 3P3V1,
2P5V, CLK, DATA, LE, CP, DIG_GND,
GND, GND1, GND2
Power supply, ground and other test points.
Connect a 5 V supply to VCC.
VCC, VCC2, VCC4, VCC_LO, VCC_RF, VCC_BB1,
VCC_LO1, VCO_LDO, 3P3V1, 2P5V =
Components Corporation TP-104-01-02,
CP, LE, CLK, DATA =
Components Corporation TP-104-01-06,
GND, GND1, GND2, DIG_GND =
Components Corporation TP-104-01-00
R1, R6, R7, R8, R13, R15, R17, R18,
R24, R25, R26, R27, R29, R31, R32,
R36, R49
Power supply decoupling. Shorts or power supply
decoupling resistors.
R1, R6, R7, R8 = 0 Ω (0402),
R13, R15, R17 = 0 Ω (0402),
R18, R24, R25, R26, R27 = 0 Ω (0402),
R29, R31, R32 = 0 Ω (0402),
R36 = 0 Ω (0402),
R49 = open (0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com