Electronic Components Datasheet Search
  English  ▼

X  

ADRF6801 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF6801
Description  750 MHz to 1150 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6801 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF6801 Datasheet HTML 11Page - Analog Devices ADRF6801 Datasheet HTML 12Page - Analog Devices ADRF6801 Datasheet HTML 13Page - Analog Devices ADRF6801 Datasheet HTML 14Page - Analog Devices ADRF6801 Datasheet HTML 15Page - Analog Devices ADRF6801 Datasheet HTML 16Page - Analog Devices ADRF6801 Datasheet HTML 17Page - Analog Devices ADRF6801 Datasheet HTML 18Page - Analog Devices ADRF6801 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
ADRF6801
Rev. 0 | Page 15 of 36
DIVIDE
MODE
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9 DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0000
0000
000
0
DM
ID6
ID5
ID4
ID3
ID2
ID1
ID0
C3(0)
C2(0)
C1(0)
DM
0
1
ID6
ID5
ID4
ID3
ID2
ID1
ID0
00
10
1
0
1
00
10
1
1
0
00
10
1
1
1
00
11
0
0
0
...
...
...
...
...
...
...
...
...
...
...
...
...
...
01
11
0
0
0
...
...
...
...
...
...
...
...
...
...
...
...
...
...
11
10
1
1
1
11
11
0
0
0
11
11
0
0
1
11
11
0
1
0
11
11
0
1
1
...
...
119
120 (INTEGER MODE ONLY)
DIVIDE RATIO
21 (INTEGER MODE ONLY)
22 (INTEGER MODE ONLY)
23 (INTEGER MODE ONLY)
24
...
...
56 (DEFAULT)
INTEGER
INTEGER DIVIDE RATIO
CONTROL BITS
DIVIDE MODE
FRACTIONAL (DEFAULT)
121 (INTEGER MODE ONLY)
122 (INTEGER MODE ONLY)
123 (INTEGER MODE ONLY)
Figure 33. Integer Divide Control Register (R0)
Register 0—Integer Divide Control
With R0[2:0] set to 000, the on-chip integer divide control register
is programmed as shown in Figure 33. The internal VCO
frequency (fVCO) equation is
fVCO = fPFD × (INT + (FRAC/MOD)) × 2
(1)
where:
fVCO is the output frequency of the internal VCO.
INT is the preset integer divide ratio value (21 to 123 for integer
mode, 24 to 119 for fractional mode).
MOD is the preset fractional modulus (1 to 2047).
FRAC is the preset fractional divider ratio value (0 to MOD − 1).
The integer divide ratio sets the INT value in Equation 1. The
INT, FRAC, and MOD values make it possible to generate output
frequencies that are spaced by fractions of the PFD frequency.
Note that the demodulator LO frequency is given by fLO = fVCO/4.
Divide Mode
Divide mode determines whether fractional mode or integer mode
is used. In integer mode, the VCO output frequency, fVCO, is
calculated by
fVCO = fPFD × (INT) × 2
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com