Electronic Components Datasheet Search
  English  ▼

X  

ADRF6801 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6801
Description  750 MHz to 1150 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6801 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6801 Datasheet HTML 6Page - Analog Devices ADRF6801 Datasheet HTML 7Page - Analog Devices ADRF6801 Datasheet HTML 8Page - Analog Devices ADRF6801 Datasheet HTML 9Page - Analog Devices ADRF6801 Datasheet HTML 10Page - Analog Devices ADRF6801 Datasheet HTML 11Page - Analog Devices ADRF6801 Datasheet HTML 12Page - Analog Devices ADRF6801 Datasheet HTML 13Page - Analog Devices ADRF6801 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADRF6801
Rev. 0 | Page 10 of 36
–90
–85
–80
–75
–70
–65
–60
–55
–50
750
800
850
900
950
1000
1050
1100
1150
LO FREQUENCY (MHz)
Figure 10. LO-to-RF Feedthrough vs. LO Frequency, LO Output Turned Off
–75
–70
–65
–60
–55
–50
–45
–40
–35
750
800
850
900
950
1000
1050
1100
1150
LO FREQUENCY (MHz)
Figure 11. LO-to-BB Feedthrough vs. LO Frequency, LO Output Turned Off
–70
–65
–60
–55
–50
–45
–40
–35
–30
750
800
850
900
950
1000
1050
1100
1150
RF FREQUENCY (MHz)
Figure 12. RF-to-BB Feedthrough vs. RF Frequency
–7
–6
–5
–4
–3
–2
–1
0
1
1
10
100
BASEBAND FREQUENCY (MHz)
Figure 13. Normalized Baseband Frequency Response vs. Baseband
Frequency
0
10
20
30
40
50
60
70
80
5
10
15202530354045
50
BASEBAND FREQUENCY (MHz)
IP1dB
IIP3
IIP2
TA = +85°C
TA = +25°C
TA = –40°C
I CHANNEL
Q CHANNEL
Figure 14. Input P1dB, Input IP2, and Input IP3 vs. Baseband Frequency
10
12
14
16
18
20
22
24
26
28
30
32
34
–35
–30
–25
–20
–15
–10
–5
0
5
INPUT BLOCKER POWER (dBm)
Figure 15. Noise Figure vs. Input Blocker Level,
fLO = 900 MHz (RF Blocker 5 MHz Offset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com