Electronic Components Datasheet Search
  English  ▼

X  

33810 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 33810
Description  Automotive Engine Control IC Quad injector driver with Parallel/SPI control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33810 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 33810 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Table 12. Maximum Current DAC Select
DAC Command
Bit<b11,b10,b9,b8>
MAXI
Current (A)
Differential
Voltage (mV
Rs = 20 m
Ω
Differential
Voltage (mV
Rs = 40 m
Ω
0000
6.0
120
240
0001
7.0
140
280
0010
8.0
160
320
0011
9.0
180
360
0100
10.0
200
400
0101
11.0
220
440
0110
12.0
240
480
0111
13.0
260
520
1000
14.0
280
560
1001
15.0
300
600
1010
16.0
320
640
1011
17.0
340
680
1100
18.0
360
720
1101
19.0
380
760
1110
20.0
400
800
1111
21.0
420
840
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
33810
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
END OF SPARK FILTER BITS
The ringing at the end of the Spark signatures waveform
can cause erroneous detection of the End of Spark event. To
eliminate the effect of this ringing, a low pass filter with
variable time values can be selected. Four time values for the
low pass filter have been provided with a zero value
indicating that no low pass filtering is to be used. The End of
Spark Filter bits specify a 0, 4µs, 16µs, or 32µs time interval
to sample the spark ignition coil primary current to ignore the
ringing at the end of spark.
Table 13. End of Spark Filter Time Select
End of Spark Filter
Bits<1, 0>
Filter Time
µs
00
0.0
01
4.0
10
16.0
11
32.0
GENERAL PURPOSE GATE DRIVER MODE
Each gate driver can be individually configured as a
General Purpose Gate Driver (GPGD) and controlled from
the parallel GINx input pins, SPI Driver ON/OFF Command or
may be programmed through the SPI for a specific frequency
and duty cycle output (PWM).
In General Purpose Gate Driver mode the gate drivers
have the following features:
• Gate driver for discrete external MOSFET
• Off state open load detect
• On state short circuit protection
• Programmable drain threshold and duration timer for short
fault detection
• PWM frequency/duty cycle controller
In GPGD Mode the GDx output is a current controlled
output driver with slew rate control, gate to source clamp,
passive pull-down resistor and a drain to gate clamp for
switching inductive loads.
Driver ON/OFF Command
The Driver ON/OFF Command, bits 4 through 7 control
gate drivers that have been Mode Select Command
programmed as GPGD. A logic 1 in bits 4 through 7 will
command the specific output ON. A logic 0 in the appropriate
bit location commands the specific output Off. Also contained
in the Driver ON/OFF Command are SPI control bits for the
integrated LSD output drivers. Further information on LSD
control is provided in the Low Side Injector Driver section of
the data sheet.
NOTE: Gate drivers programmed to IGNITION mode have
parallel input control only, and cannot be turned off and on via
SPI commands.
GPGD Short Threshold Voltage Command
Each GPGD driver is capable of detecting an open load in
the off state and shorted load in the on state. All faults are
reported through the SPI communication. For open load
detection, a current source is placed between the FBx pin
and ground of the IC. An open load fault is reported when the
FBx voltage is less than the 2.5 V threshold. Open load fault
detect threshold is set internally to 2.5 V and may not be
programmed. A shorted load fault is reported when the FBx
pin voltage is greater than the programmed short threshold
voltage.
The short to battery fault threshold voltage of the external
MOSFET is programmed via the GPGD Short Threshold
Voltage Command. Table 14 illustrates the bit pattern to
select a particular threshold. Drain voltages less than the
selected threshold are considered normal operation. Drain
voltages greater than the selected threshold voltage are
considered faulted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com