Electronic Components Datasheet Search
  English  ▼

X  

33810 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33810
Description  Automotive Engine Control IC Quad injector driver with Parallel/SPI control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33810 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33810 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33810
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 4. Functional Internal Block Diagram
POWER SUPPLY/POR
The 33810 is designed to operate from 4.5 to 36 V on the
VPWR pin. The VPWR pin supplies power to all internal
regulators, analog, and logic circuit blocks. The VDD supply
is used for setting communication threshold levels and
supplying power to the SO driver. This IC architecture
provides a low quiescent current sleep mode. Applying
VPWR and VDD to the device will generate a Power On
Reset (POR) and place the device in the Normal State. The
Power On Reset circuit incorporates a timer to prevent high
frequency transients from causing a POR.
MCU INTERFACE AND OUTPUT CONTROL
This component provides parallel input pins for OUT0-
OUT3 low side drivers and GD0-GD3 gate drivers. Each
parallel input control pin is active high and has an internal
pulldown current sink. The parallel input data is logically OR’d
with the corresponding SPI input data register contents. All
outputs are disabled when the OUTEN pin is HIGH,
regardless of the state of the command inputs.
INJECTOR DRIVERS: OUT0 – OUT3
These pins are the Open drain low side (Injector) driver
outputs. The drain voltage is actively clamped during turn off
of inductive loads. These outputs can be connected in
parallel for higher current loads, provided the turn off energy
rating is not exceeded.
IGNITION GATE PRE-DRIVERS: GD0 – GD3
These pins are the gate drive outputs for an external
MOSFET or IGBT. Internal to the device is a Gate to Source
resistor designed to hold the external device in the OFF state
while the device is in the POR or Sleep State.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com