Electronic Components Datasheet Search
  English  ▼

X  

33810 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 33810
Description  Automotive Engine Control IC Quad injector driver with Parallel/SPI control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33810 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 33810 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
33810
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
LSD Fault Command
2
0
0
1
0
<10X>
LSD Flt Operation
shutdn,Tlim,Timer
Retry on timer
and No Tlim
X
<1>
OUT3
ON
Open
Load
Enabl
<1>
OUT2
ON
Open
Load
Enabl
<1>
OUT1
ON
Open
Load
Enabl
<1>
OUT0
ON
Open
Load
Enabl
<1>
OUT3
OFF
Open
Load
Enabl
<1>
OUT2
OFF
Open
Load
Enabl
<1>
OUT1
OFF
Open
Load
Enabl
<1>
OUT0
OFF
Open
Load
Enabl
Driver ON/OFF Command
0 = OFF, 1 = ON
3
0
0
1
1
X
X
X
X
<0000>
GPGD
OFF
(ignored in Ignition Mode)
<0000>
OUTx Driver
OFF
Spark Command
4
0
1
0
0
<100>
Max Dwell Timer
MaxDwell
Default=32 ms
(In Ignition Mode
Only)
<0>
Max
Dwell
En
Disab
<0>
Over
lap
Dwell
Disab
<0>
Gain
Sel
Gain
= 1
<0>
Soft
Shut
Dn En
Disab
<0>
Open
2ed
Clmp
Disab
<11>
Open
Secondary
OSFLT
=100
μs
<01>
End Spark
Threshold
VPWR
+5.5 V
End Spark Filter
5
0
1
0
1
X
X
X
X
X
X
X
X
X
X
<01>
End Spark
Filter
4.0
μs
DAC Command
6
0
1
1
0
<1000>
MAXI DAC Threshold
MAXI=14 A
<100>
Overlap Setting
Overlap 50%
<01010>
NOMI DAC Threshold
NOMI=5.5 A
GPGD Short Threshold
Voltage Command
7
0
1
1
1
<011>
Short to Batt VFB3
Vth = 2.0 V
<011>
Short to Batt VFB2
Vth = 2.0 V
<011>
Short to Batt VFB1
Vth = 2.0 V
<011>
Short to Batt VFB0
Vth = 2.0 V
GPGD Short Duration
Timer Command
8
1
0
0
0
<011>
Short to Batt tFB3
Timer = 240
μs
<011>
Short to Batt tFB2
Timer = 240
μs
<011>
Short to Batt tFB1
Timer = 240
μs
<011>
Short to Batt tFB0
Timer = 240
μs
GPGD Fault Operation
Select Command
9
1
0
0
1
<1111>
Retry/Shutdown Bit
Retry on Fault
X
X
X
X
<0000>
Shutdown Drivers on MAXI
Disabled
PWM0 to PWM3 Freq &
DC Command
A
1
0
1
0
<00>
PWMx
address
PWM0
<000>
PWM Frequency
10 Hz
<0000000>
PWM Duty Cycle
0% Duty Cycle
INVALID COMMAND
B
1
0
1
1
X
X
X
X
X
X
X
X
X
X
X
X
INVALID COMMAND
C
1
0
1
1
X
X
X
X
X
X
X
X
X
X
X
X
INVALID COMMAND
D
1
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
Clock Calibration
Command
E
1
1
1
0
X
X
X
X
X
X
X
X
X
X
X
X
INVALID COMMAND
F
1
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
Table 20. SPI Command Message Set and Default State
Command
Control Address Bits
Command Bits
hex
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com