Electronic Components Datasheet Search
  English  ▼

X  

33810 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33810
Description  Automotive Engine Control IC Quad injector driver with Parallel/SPI control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33810 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33810 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33810
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Notes
1.
Exceeding these limits may cause malfunction or permanent damage to the device.
2.
ESD data available upon request.
3.
ESD testing is performed in accordance with the Human Body Model (HBM) (AEC-Q100-002), the Machine Model (MM) (AEC-Q100-
003), and the Charge Device Model (CDM), Robotic (AEC-Q100-011).
Table 3. Static Electrical Characteristics
Characteristics noted under conditions of 3.0 V
≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 32 V, -40°C ≤ TC ≤ 125°C, and calibrated
timers, unless otherwise noted. Where typical values reflect the parameter’s approx. average value with VPWR = 13 V, TA =
25
°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT (VDD, VPWR)
Supply Voltage(4)
Fully Operational
Full Parameter Specification
VPWR(FO)
4.5
6.0
–
36
32
V
Supply Current
All Outputs Disabled (Normal Mode)
IVPWR(ON)
–
10.0
14.0
mA
Sleep State Supply Current (Must have VDD ≤ 0.8 V for sleep state),
VPWR = 32 V
IVPWR(SS)
–
15
30
μA
VPWR Over-voltage Shutdown Threshold Voltage
(5)
VPWR(OV)
36.5
39
42
V
VPWR Over-voltage Shutdown Hysteresis Voltage
VPWR(OV-HYS)
0.5
1.5
3.0
V
VPWR Under-voltage Shutdown Threshold Voltage
(6)
VPWR(UV)
3.0
4.0
4.4
V
VPWR Under-voltage Shutdown Hysteresis Voltage
VPWR(UV-HYS)
100
200
300
mV
VPWR Low Operating Voltage (Low-voltage reported via the SPI)
(7)
VPWR(LOV)
5.3
–
8.99
V
VDD Supply Voltage
VDD
3.0
–
5.5
V
VDD Supply Current
Static Condition and does not include VDD current out of device
IVDD
–
–
1.0
mA
VDD Supply Under-voltage (Sleep State) Threshold Voltage(8)
VDD(UV)
0.8
2.5
2.8
V
INJECTOR DRIVER OUTPUTS (OUT 0:3)
Drain-to-Source ON Resistance
IOUT = 1.0 A, TJ = 125°C, VPWR = 13 V
IOUT = 1.0 A, TJ = 25°C, VPWR = 13 V
IOUT = 1.0 A, TJ = -40°C, VPWR = 13 V
RDS (ON)
–
–
–
–
0.2
–
0.3
–
–
Ω
Output Self Limiting Current
IOUT(LIM)
3.0
–
6.0
A
Output Fault Detection Voltage Threshold(9)
Outputs Programmed OFF (Open Load)
Outputs Programmed ON (Short to Battery)
VOUT(FLT-TH)
2.0
2.5
3.0
V
Output OFF Open Load Detection Current
VDRAIN = 18 V, Outputs Programmed OFF
VDRAIN = 32 V, Outputs Programmed OFF (-40°C)
I(OFF)OCO
40
75
115
115
μA
Output ON Open Load Detection Current
Current less then specification value considered open
I(ON)OCO
20
100
200
mA
Table 2. Maximum Ratings (continued)
All voltages are with respect to ground unless otherwise noted.
Ratings
Symbol
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com