Electronic Components Datasheet Search
  English  ▼

X  

33810 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 33810
Description  Automotive Engine Control IC Quad injector driver with Parallel/SPI control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33810 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 33810 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
33810
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
POWER SUPPLY
The 33810 is designed to operate from 4.5 to 36 V on the
VPWR pin. The VPWR pin supplies power to all internal
regulators, analog and logic circuit blocks. The VDD supply is
used for setting communication threshold levels and
supplying power to the SO driver. This IC architecture
provides flexible microprocessor interfacing and low
quiescent current sleep mode.
POWER-ON RESET (POR)
Applying VPWR and VDD to the device will generate a
Power On Reset (POR) and place the device in the Normal
State. The Power On Reset circuit incorporates a filter to
prevent high frequency transients from causing a POR.
All outputs are disabled when the OUTEN input pin is
HIGH regardless of the SPI control registers or the logic level
on the parallel input pins. With the OUTEN pin high, SPI
messages may be sent and received by the device. Upon
enabling the device (OUTEN low), outputs will be activated
based on the state of the command register or parallel input.
Table 5. Operational States
VPWR
VDD
OUTEN
OUTPUTS
STATE
L
L
X
OFF
Power
Off
L
H
X
OFF
POR
H
L
X
OFF
SLEEP
H
X
OFF
POR
H
X
OFF
POR
L
X
OFF
SLEEP
H
H
L
ACTIVE
NORMAL
H
H
H
OFF
NORMAL
SLEEP STATE
Sleep State is entered when the VDD supply voltage is
removed from the VDD pin. In Sleep State all outputs are off.
Applying VDD will force the device to exit the Sleep State and
generates a POR.
NORMAL STATE
The default Normal State is entered when power is applied
to the VPWR and VDD pins.
Control register settings from a Power-ON Reset (POR)
are as follows:
• All outputs off
• IGNITION gate driver mode enabled (IGBT Ignition Mode).
• PWM frequency and duty cycle control disabled.
• Off State open load detection enabled (LSD)
• MAXI dac set to 14 A, NOMI DAC set to 5.5A
• Spark detect level VIL DAC set to VPWR +5.5V
• Open secondary timer set to 100 μs
• Dwell timer set 32ms
• Soft shutdown disabled
• Low-voltage flyback clamp disabled
• Dwell overlap MAXI offset disabled
MODES OF OPERATION
In Normal State, the 33810 gate driver has three modes of
operation, ignition Mode, GPGD (General Purpose Gate
Driver) Mode and V10 mode.The operating mode of each
gate driver may be set individually and is programmed using
the Mode Select Command.
MODE SELECT COMMAND
The MODE Select Command is used to set the operating
mode for the GDx gate driver outputs, over/under-voltage
operation and to enable V10 Mode and the PWM generators.
The Mode Select Command programmable features are
listed below.
• Ignition/GPGD Mode select (gate drivers)
• V10 Mode enable
• Over/Under-voltage operation for all drivers
• GPGD PWM controller enable
IGNITION/GPGD MODE SELECT
The Ignition/General Purpose Gate Driver Mode select bits
determine independently, the operating mode of each of the
GDx gate driver outputs. Bits 8,9,10,11 correspond to GD0,
GD1, GD2, GD3 respectively. Setting the bit to a logic 0 sets
the GDx driver to the Ignition Mode. Setting the bit to a logic
1 commands the GDX driver to the General Purpose Mode
and disables the ignition features for that particular gate
driver (except the MAXI current shutdown feature). Further
information on GDx gate driver in Ignition Mode and General
Purpose Mode is provided later in this section of the data
sheet.
V10 MODE ENABLE BIT
The V10 Enable bit allows the user to configure the device
for 10 cylinder applications. When the V10 Mode is enabled,
the device configures the NOMI pin and MAXI pin as digital
inputs rather than outputs. The new MAXI input pin receives



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com