Electronic Components Datasheet Search
  English  ▼

X  

33810 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 33810
Description  Automotive Engine Control IC Quad injector driver with Parallel/SPI control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33810 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 33810 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
33810
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Address <0101>
End Spark filter Register
Reset COR OVER
Voltage
under
voltage
X
X
X
X
X
X
X
X
X
X
End spark
Filter
Address <1010>
DAC Command Register
Reset COR OVER
Voltage
LOW
Voltage
MAXI DAC Threshold
Overlap Setting
NOMI DAC Threshold
Address <1011>
GPGD FBx Short to
Battery Threshold Voltage
Register
Reset COR OVER
Voltage
LOW
Voltage
Short to Batt VFB3
Short to Batt VFB2
Short to Batt VFB1
Short to Batt VFB0
Address <1100>
GPGD FBx Short to
Battery Threshold Timer
Register
Reset COR OVER
Voltage
LOW
Voltage
Short to Batt tFB3
Short to Batt tFB2
Short to Batt tFB1
Short to Batt tFB0
Address <1101>
GPGD Fault Operation
Register
Reset COR OVER
Voltage
LOW
Voltage
Retry/Shutdown Bit
X
X
X
X
Shutdown Drivers on IMAX
Address <1110>
PWM Freq&DC Register
(last channel
programmed)
Reset COR OVER
Voltage
LOW
Voltage
PWMx
address
PWM Frequency
PWM Duty Cycle
Address <1111>
Revision ID, Trim, Clock
Cal.
Reset COR
OVR
Vtg
LOW
Voltage
3
REV
2
ID
1
0
X
X
CAL
Too
HI
CAL
Too
LOW
X
X
TRIM
Parity
Error
TRIM
Lock
Out
Legend
COR = Command Out of Range
SOR = Supply Out of Range
NMF = Set When Faults Occur on V10 Mode MAXI and NOMI Inputs and V10 Mode Ignition Driver are OFF.
Table 21. SPI Response Messages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com