Electronic Components Datasheet Search
  English  ▼

X  

33810 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 33810
Description  Automotive Engine Control IC Quad injector driver with Parallel/SPI control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33810 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 33810 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
33810
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
• Secondary clamp (secondary clamp bit)
• Soft shutdown enable (SoftShutDn bit)
• Ignition ignition coil current amplifier gain (Gain Sel bit)
• Overlapping dwell disable (Overlap Dwell Disable bit)
• Maximum dwell enable (MaxDwellEn bit)
• Maximum dwell timer (MaxDwellTimer bits)
• End of spark filter timer value
Spark Command address and data bits are listed in
Table 20
NOTE: Gate driver outputs programmed to be General
Purpose Gate Drivers are not affected by the Spark
Commands.
SPARK DURATION SIGNAL
The Spark Duration is defined as the beginning of current
flow to the end of current flow across the spark plug gap.
Because the extremely high-voltage ignition coil secondary
output is difficult to monitor, corresponding lower voltage
signals generated on the ignition coil primary are often used.
The FBx pins monitor the ignition coil primary voltage (IGBT
Collector) through a 10 to 1 voltage divider. When the IGBT
is disabled, the rise in the FBx signal indicates a sparkout
condition is occurring at the spark plug gap.
The device considers the initial thresholds for spark
duration to be VIH = VPWR + 21 V for rising edge as measured
on the collector of the IGBT. The spark duration falling edge
reference is programmable via SPI through the End Spark
Threshold bits 0 and 1 (See Table 7).
Figure 5 illustrates a typical ignition event with dwell time
and spark duration indicated.
Figure 5.
SPKDUR~3.0ms
DWELL Time
Ignition Coil Current,
Channel 1: GINx IGBT Gate Drive
Channel 2: IGBT Collector Voltage
Channel 3: IGBT Current @ 5.0A/Div
5.0A/div
Ignition Coil Charge and Spark Event
VPWR = 16.0V
Default settings
Begin spark threshold VIH = VPWR + 21V
End spark threshold VIL = VPWR +5.5V
The pulse width of the SPKDUR signal is measured by the
MCU timer/input capture port to determine the actual spark
duration. Spark duration information is then used by the MCU
spark control algorithm to optimize the dwell time.
Table 7. End Spark Threshold
Spark Command
Bit<b1,b0>
End Spark Threshold (VIL)
00
VPWR + 2.75
01
VPWR + 5.5
10
VPWR + 8.2
11
VPWR + 11.0
OPEN SECONDARY TIMER
A fault due to open in the ignition coil secondary circuit can
be determined by waveforms established on the ignition coil
primary during a spark event. The spark event is initiated by
the turn off of the IGBT. The voltage on the collector of the
IGBT rises up to the IGBT’s internal collector to gate clamp
voltage (typically 400 volts). Collector to gate clamp events
normally last 5.0 to 50
μs. In an open ignition coil secondary
fault condition, the collector to gate clamp event lasts much
longer. The oscilloscope waveform in Figure 6 and Figure 7
compare a normal spark signature with that of an open
secondary fault condition signature.
Figure 6. Normal Spark Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com