Electronic Components Datasheet Search
  English  ▼

X  

33810 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33810
Description  Automotive Engine Control IC Quad injector driver with Parallel/SPI control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33810 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33810 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33810
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
INJECTOR DRIVER OUTPUTS (OUT 0:3) (Continued)
Output Clamp Voltage 1
ID = 20 mA
VOC1
48
53
58
V
Output Leakage Current
VDD = 5.0 V, VDRAIN = 24 V, Open Load Detection Current Disabled
VDD = 5.0 V, VDRAIN = VOC - 1.0 V, Open Load Detection Current Disabled
VDD = 0 V, VDRAIN = 24 V, Sleep State
IOUT(LKG)
–
–
–
–
–
–
20
3000
10
μA
Over-temperature Shutdown(10)
TLIM
155
–
185
°C
Over-temperature Shutdown Hysteresis(10)
TLIM(HYS)
5.0
10
15
°C
IGNITION (IGBT) GATE DRIVER PARAMETERS (GD 0:3 FB0:3)
Gate Driver Output Voltage
IGD = 500 μA
IGD = -500 μA
VGS(ON)
VGS(OFF)
4.8
0
7.0
0.375
9.0
0.5
V
Sleep Mode Gate to Source Resistor
RGS(PULLDOWN
)
100
200
300
K
Ω
Sleep Mode FBx pin Leakage Current
VDD = 0 V, VFBx = 24 V,
IFBX(LKG)
–
–
1.0
μA
Feedback Sense Current (FBx Input Current)
FBx = 32 V, Outputs Programmed OFF
IFBX(FLT-SNS)
1.0
μA
Gate Drive Source Current (1
≤ VGD ≤ 3)
IGATEDRIVE
650
780
950
μA
Gate Drive Turn Off Resistance
RDS(ON)
500
–
1000
Ω
SOFT SHUTDOWN FUNCTION (VOLTAGES REFERENCED TO IGBT COLLECTOR)
Low Voltage Flyback Clamp
Driver Command Off, Soft Shutdown Enabled, GDx = 2.0 V
VLVC
VPWR
+9.0
VPWR
+11
VPWR + 13
V
Spark Duration Comparator Threshold (referenced to IC Ground Tab)
Rising Edge Relative to VPWR
VTH-RISE
18
21
24
V
Spark Duration Comparator Threshold (referenced to IC Ground Tab)(11)
Falling Edge Relative to VPWR, Default = 5.5 V Assuming ideal external
10:1 voltage divider. Voltage measured at high end of divider, not at pin.
Tolerance of divider not included
VTH-FALL
1.2
4.9
7.4
9.9
2.75
5.5
8.2
11.00
3.6
6.1
9.1
12.1
V
Open Secondary Comparator Threshold (referenced from primary to
Rising Edge Relative to GND. No hysteresis with 10:1 voltage divider.
VTH-RISE
11.5
–
15.5
V
CURRENT SENSE COMPARATOR (RSP, RSN)
NOMI Trip Threshold Accuracy - Steady State Condition
3.0 A across 0.02
Ω (RSP - RSN = 60 mV)
10.75 A across 0.04
Ω (RSP - RSN = 430 mV)
NOMITRIPTA
-10
–
10
%
Table 3. Static Electrical Characteristics
Characteristics noted under conditions of 3.0 V
≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 32 V, -40°C ≤ TC ≤ 125°C, and calibrated
timers, unless otherwise noted. Where typical values reflect the parameter’s approx. average value with VPWR = 13 V, TA =
25
°C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com