Electronic Components Datasheet Search
  English  ▼

X  

33810 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 33810
Description  Automotive Engine Control IC Quad injector driver with Parallel/SPI control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33810 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 33810 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
33810
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
protection circuit uses the junction temperature of the output
driver to determine the fault. Both methods may be used
together or individually.
TIMER PROTECTION
The first protection scheme uses a low ON to OFF duty
cycle to protect the output driver. The low duty cycle allows
the device to cool so that the maximum junction temperatures
are not exceeded. During a short condition, the device enters
current limit. The driver will shutdown for short conditions
lasting longer than the current limit timer (~60
μs)
TEMPERATURE LIMIT (TLIM)
The second scheme senses the temperature of the
individual output driver. During a short event the device
enters current limit and will remain in current limit until the
output driver temperature limit is exceeded (TLIM). At this
point, the device will shutdown until the junction temperature
falls below the hysteresis temperature value. The TLIM
hysteresis value is listed in the previous specification tables.
The third method combines both protection schemes into
one. During a short event the device will enter current limit.
The output driver will shutdown for short conditions lasting
longer than the current limit timer. In the event that the output
driver temperature is higher than maximum specified
temperature the output will shutdown.
The Shutdown/Retry bit allows the user to determine how
the drivers will respond to each short circuit strategy.
Table 18 provides fault operation for all three strategies.
Outputs may be used in parallel to drive higher current
loads provided the turn-off energy of the load does not
exceed the energy rating of a single output driver (100mJ
maximum).
Table 18.
Shutdn
Retry
Bit 11
TLIM
Bit 10
Fault
Timer
Bit 9
Operation During Short Fault
1
0
X
Timer only, Outputs will retry on period
OUT0-OUT3 = 60
μs ON, ~10ms OFF
1
1
0
TLIM only, Outputs will retry on TLIM
hysteresis.
1
1
1
Timer and TLIM, Outputs will retry on
period and driver temperature below
threshold.
OUT0-OUT3= 60
μs ON, ~10ms OFF
0
0
X
Timer only, Outputs will not retry on
period
OUT0-OUT3 = 60
μs ON, OFF
0
1
0
TLIM only, Outputs will not retry on TLim
hysteresis.
0
1
1
Timer and TLIM, Outputs will not retry on
period or TLIM.
OUT0-OUT3 = 60
μs ON, OFF
Injector Driver (OUTx) Fault Operation
OUTPUT DRIVER DIAGNOSTICS.
Short to battery, Temperature Limit (TLIM) and open load
faults are reported through the All Status Response message
Table 21.
OFF OPEN LOAD PULL-DOWN CURRENT ENABLE
BITS
An open load on the output driver is detected by the
voltage level on the drain of the MOSFET in the off state.
Internal to the device is a 75
μA pull-down current sink. In the
event of an open load the drain voltage is pulled low. When
the voltage crosses the threshold, and open load is detected.
The pull-down current source may be disabled by bit 0
through bit 3 in the LSD Fault Command. With the driver off
and the Off Open Load bit disabled, the Off Open Load fault
status bit will be logic 0.
ON OPEN LOAD ENABLE BITS
The On State Open Load enable bit allows the user to
determine an On State Open Load. When the On State Open
Load bit disabled, the On State Fault bit is always logic 0. On
Open Load is determined by monitoring the current through
the OUTx MOSFET. In the ON state, currents less than 20 to
200mA are considered open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com