Electronic Components Datasheet Search
  English  ▼

X  

33810 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 33810
Description  Automotive Engine Control IC Quad injector driver with Parallel/SPI control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33810 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 33810 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 37Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
33810
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
3.0
10/2007
• Initial Release
4.0
2/2008
• Fixed several typos throughout document
• Changed Static Electrical Characteristics, Table 3, Digital Interface, OUT_EN Leakage
Current to VDD, maximum from 10 to 50μA.
• Reworded Table 15.
• Added Table 16 back (it was inadvertently deleted.
• Added “Ignition &” to tile in Table 4.
5.0
8/2008
• Updated package drawing.
6.0
12/2008
• Parameter changes to Gate Drive Source Current, Spark Duration Comparator Threshold,
NOMI Trip Threshold Accuracy, MAXI Trip Point During Overlapping Dwell, Comparator
Hysteresis Voltage, Short to Battery Fault Detection Voltage Threshold, Output OFF Open
Load Detection Current, and Input Logic-voltage Hysteresis.
• Made change to End of Spark Filter Time Select
• Changed orderable Part Number from PCZ33810EK/R2 to MCZ33810EK/R2 on Page 1.
• Revised Exposed Pad pin definition in Table 1, page 3.
• Changed Package outline drawing to 98ASA10556D.
7.0
7/2010
• Changed introduction paragraph to Tables 3 and 4 from “9.0 V
≤ VPWR ≤ 18 V” to “6.0 V ≤
VPWR
≤ 32 V”
• Changed Gate Driver Parameters of VGS(ON) from 5.0 to 4.8.
8.0
7/2010
• Changed Table 3 Characteristics from 18V to 32V for: IVPWR(SS), I(OFF)OCO and IFBX(FLT-SNS)
9.0
2/2011
• Changed See Output OFF Open Load Detection Current on page 6 from 100 μA to 115 μA for
the maximum value.
10.0
4/2011
• Corrected Table 13, End of Spark Filter Time Select.
• Corrected Table 20, SPI Command Message Set and Default State (Command: End Spark
Filter).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com