Electronic Components Datasheet Search
  English  ▼

X  

MAX8939EWVT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8939EWVT
Description  System Power Management for Mobile Handset Hardware Input Enable
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8939EWVT Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8939EWVT Datasheet HTML 3Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 4Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 5Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 6Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 7Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 8Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 9Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 10Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
_______________________________________________________________________________________ 7
System Power Management
for Mobile Handset
Note 1: The monitoring voltage is proportional to the charging current with a ratio depending on the programmed fast-charge cur-
rent. For the current equal to the fast-charge current, the monitoring voltage is typically 1.2V.
Note 2: The maximum CHG_IN current is the typical value plus 10% for currents up 700mA and the typical value plus 15% for
higher currents.
Note 3: LED dropout voltage is defined as the LED_ to ground voltage when current into LED_ drops 10% from the value at
VLED_= 0.5V.
ELECTRICAL CHARACTERISTICS (continued)
(VBATT = 3.7V, VCHG_IN = 5.0V, circuit of Figure 1, TA = -40NC to +85NC, unless otherwise noted. Typical values are at TA = +25NC.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LED1, LED2
Current Regulator Dropout Voltage
(Note 3)
25.25mA setting
200
mV
5.05mA setting
150
LED_ Regulation Voltage
350
mV
LED_ Current Accuracy
TA = +25NC, ILED_= 25.25mA
-3
+3
%
TA = -40NC to +85NC, ILED_= 25.25mA
-5
+5
Leakage Current
TA = +25NC, in shutdown
0.01
1
F
A
TA = +85NC, in shutdown
1
LX2
nFET Current Limit
710
860
mA
nFET On-Resistance
ILX2 = 200mA
0.3
0.7
I
LX2 Leakage Current
TA = +25NC, 28V, shutdown
0.01
1
F
A
TA = +85NC, 28V, shutdown
1
Operating Frequency
1.8
2
2.2
MHz
Maximum Duty Cycle
VLED1 or VLED2 = 0.2V
92
%
COMP2
Transconductance
20
F
s
Soft-Start Charge Current
60
F
A
Discharge Pulldown
20
kI
PROTECTION
Overvoltage Threshold
VOUT2 rising
28
30
V
Overvoltage Hysteresis
4
V
Open LED Detection
100
120
mV
Shorted LED Detection
VOUT2
- 2.2V
VOUT2
- 0.7V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com