Electronic Components Datasheet Search
  English  ▼

X  

MAX8939EWVT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8939EWVT
Description  System Power Management for Mobile Handset Hardware Input Enable
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8939EWVT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8939EWVT Datasheet HTML 1Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 2Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 3Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 4Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 5Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 6Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 7Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 8Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
System Power Management
for Mobile Handset
19-5843; Rev 0; 5/11
Typical Operating Circuit appears at end of data sheet.
General Description
The MAX8939 power management IC contains the nec-
essary supplies and features for supporting cell phone
designs based on the Intel Mobile Communications (IMC)
61XX 3G platform. Designed to power all peripheral com-
ponents in the platform, the MAX8939 also provides the
necessary signals to control the 61XX baseband processor.
The integrated lithium-ion (Li+) charger is protected up
to 28V input and features a protected output voltage
for supply of a USB transceiver. Proprietary thermal-
regulation circuitry limits the die temperature during
fast-charging or when the IC is exposed to high ambient
temperatures, allowing maximum charging current with-
out damaging the IC. A dedicated current regulator is
included for driving a charge indicator LED.
Four programmable low-noise, low-dropout linear regula-
tors (LDOs) provide the supply for noise sensitive periph-
erals. A high power vibrator driver is I2C programmable
in 70 PWM levels and 4 output voltages. The MAX8939
also offers two step-up converters; one high power, low
voltage (5V) to supply an external audio amplifier or
camera flash, and a high voltage (28V) supply for the
display and keyboard backlight. Two integrated 25mA
current regulators provide independent ramp-up and
ramp-down control, programmable through I2C.
The MAX8939 is a highly integrated IC that requires very few
external components and is available in a compact 2.5mm
x 3.0mm, 0.65mm max height wafer level package (WLP).
Applications
Companion Chip for Cell Phones/Smartphones
Features
S
Step-Up Converter
700mA Guaranteed Output Current
I2C Programmable Output 3.5V to 5.0V in 16 Steps
Over 90% Efficiency
On-Chip FET and Synchronous Rectifier
Fixed 2MHz PWM Switching
Small 2.2µH to 10µH Inductor
S
WLED Boost Converter
28V Max Step-Up Output Voltage
60mA Output Current
Integrated nMOS Power Switch
Over 90% Efficiency
Fixed 2MHz Switching
Small 4.7µH to 10µH Inductor
Two 25mA Individually Programmable Current
Regulators
I2C Programmable Output Current (50µA to
25.25mA) with 128-Step Pseudo Log Dimming
Individually Programmable Ramp (Up/Down)
Timers
Low Dropout (150mV max)
S
Linear One-Cell Li+ Battery Charger
No External MOSFET, Reverse Blocking Diode,
or Current-Sense Resistor
Programmable Fast-Charge Current (1.5ARMS max)
Programmable Top-Off Current Threshold
Proprietary Die Temperature Regulation Control
4.1V to 10V Input Voltage Range with Input
Overvoltage Protection Up to 28V
Low-Dropout Voltage (300mV at 500mA)
Input Power-Source Detection Output
Input Overvoltage Protected 4.75V Output
(SAFE_OUT) from IN
Charge Current Monitor Output
Indicator LED
Hardware Input Enable
5s Watchdog Feature During Charge
S
Four Low-Noise LDOs
1x 400mA, 2 x 200mA and 1x 100mA Output
Current
High 65dB (typ) PSRR
Low Noise (45µVRMS typ)
1.7V to 3.2V Programmable Output Voltage
Low Quiescent Current (25µA typ)
400mA LDO with Hardware Enable Input
S
Vibrator Driver
Guaranteed 200mA Output Current
Programmable Output Voltage 1.3V to VINVIB
Repetition Frequency 23.8kHz
PWM Speed Control in 70 steps
Active Stop Brake
S
Control Interface for 61XX Baseband
MAX8939 Control Through I2C
RESET_IN Reset Input
Charger Detect PWR_ON_CMP Output
IRQ Interrupt Output
S
2.7V to 5.5V Supply Voltage Range
S
Thermal Shutdown
+Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
Ordering Information
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX8939EWV+T
-40NC to +85NC
30 WLP
(0.5mm pitch)


Similar Part No. - MAX8939EWVT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8939EWV+T MAXIM-MAX8939EWV+T Datasheet
3Mb / 44P
System Power Management for Mobile Handset
Rev 2; 1/12
More results

Similar Description - MAX8939EWVT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX886 MAXIM-MAX886 Datasheet
257Kb / 20P
Wireless and Satellite Handset Power-Management ICs
logo
Global Mixed-mode Techn...
G5800 GMT-G5800 Datasheet
791Kb / 1P
Mobile Phone Power Management System
logo
Skyworks Solutions Inc.
SKY74691 SKYWORKS-SKY74691 Datasheet
54Kb / 2P
Receiver for CDMA Mobile Handset Applications
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
Power Management Unit for Mobile Phones
logo
Maxim Integrated Produc...
MAX8939 MAXIM-MAX8939_11 Datasheet
2Mb / 44P
System Power Management for Mobile Handset
Rev 1; 11/11
MAX8939 MAXIM-MAX8939_12 Datasheet
3Mb / 44P
System Power Management for Mobile Handset
Rev 2; 1/12
logo
Texas Instruments
LP3925 TI1-LP3925 Datasheet
1Mb / 51P
High Performance Power Management Unit for Handset Applications
LP8765-E TI1-LP8765-E Datasheet
161Kb / 5P
High Performance Power Management Unit for Handset Applications
logo
Rohm
BD71801GWL ROHM-BD71801GWL Datasheet
2Mb / 79P
Power Management LSI for Mobile Phone
logo
Seoul Semiconductor
SSC-FCW302 SEOUL-SSC-FCW302 Datasheet
572Kb / 9P
Applications : Mobile Handset Flash Light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com