Electronic Components Datasheet Search
  English  ▼

X  

MAX8939EWVT Datasheet(PDF) 41 Page - Maxim Integrated Products

Part # MAX8939EWVT
Description  System Power Management for Mobile Handset Hardware Input Enable
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8939EWVT Datasheet(HTML) 41 Page - Maxim Integrated Products

Back Button MAX8939EWVT Datasheet HTML 35Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 36Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 37Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 38Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 39Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 40Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 41Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 42Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 43Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
______________________________________________________________________________________ 41
System Power Management
for Mobile Handset
Diode Selection
The OUT2 LED converter uses an external rectifier diode.
A Schottky diode is recommended due to its fast recov-
ery time and low forward voltage drop. Ensure that the
diode’s average and peak current rating exceeds the
average output current and peak inductor current. In
addition, the diode’s reverse breakdown voltage must
exceed the maximum VOUT2.
PCB Layout
Due to fast switching waveforms and high current paths,
careful PCB layout is required. Minimize trace lengths
between the IC and the inductor, the diode, the input
capacitor, and the output capacitor. Minimize trace
lengths between the input and output capacitors and
the MAX8939 ground terminal, and place input and
output capacitor grounds as close together as possible.
Use separate power ground and analog ground copper
areas, and connect them together at the output capacitor
ground. Keep traces short, direct, and wide.
Keep noisy traces, such as the LX_ node trace, away from
sensitive analog circuitry. For improved thermal perform-
ance, maximize the copper area of the LX_ and PGND_
traces. Refer to the MAX8939 Evaluation Kit for an exam-
ple layout.
Chip Information
PROCESS: BiCMOS
Typical Operating Circuit
MAX8939
DC/USB
USB
TRANSCEIVER
BROADBAND
PROCESSOR
DISPLAY
BACKLIGHT
KEYPAD
BACKLIGHT
CHG_MON
BATT
PWR_ON_CMP
SCL
SDA
IRQ
RESET_IN
LX2
OUT2
PGND2
COMP2
LED1
LED2
CHG
CHG_IN
SAFE_OUT
BATT
LX1
PGND1
COMP1
LED3
OPEN
1µF
10µF
1µF
10µF
Li+
BATTERY
2200pF
1µF
1µF
0.22µF
22µH
22µF
TO SYSTEM LOAD
OUT1
22µF
5V/700mA
AUDIO AMPLIFIER
VIBRATOR
LDO1
4.7µF
2.9V/400mA
LDO4
LDO1_EN
eMMC_EN
1µF
ANALOG 2.8V/100mA
MMC CARD
LDO2
22µF
DIGITAL SUPPLY
1.8V/200mA
ANALOG
2.8V/200mA
BLUETOOTH/FMR
COMBO, GPS
CAMERA
BATT
LDO3
22µF
PWM SWITCH
DRIVER
INVIB
1µF
OUTVIB
REF
AGND
1µF
DISPLAY
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com