Electronic Components Datasheet Search
  English  ▼

X  

MAX8939EWVT Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX8939EWVT
Description  System Power Management for Mobile Handset Hardware Input Enable
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8939EWVT Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX8939EWVT Datasheet HTML 35Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 36Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 37Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 38Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 39Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 40Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 41Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 42Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 43Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
______________________________________________________________________________________ 39
System Power Management
for Mobile Handset
Table 21. VIB
REGISTER NAME
VIB
Register Pointer
0x0F
Reset Value
0x00
Type
R/W
BIT
TYPE
NAME
DESCRIPTION
DEFAULT
0
R/W
SPEED
0x00
0x01
0x02
0x03
0x04
0x05
0x06
0x07
0x08
0x09
0x0A
0x0B
0x0C
0x0D
0x0E
0x0F
0x10
0x11
0x12
0x13
0x14
0x15
0x16
0x17
0x18
0x19
0x1A
0x1B
0x1C
0x1D
0x1E
0x1F
0x20
0.00%
1.19
2.38
3.57
4.76
5.95
7.14
8.33
9.52
10.7
11.9
13.0
14.2
15.4
16.6
17.8
19.0
20.2
21.4
22.6
23.8
25.0
26.1
27.3
28.5
29.7
30.9
32.1
33.3
34.5
35.7
36.9
38.0
0x21
0x22
0x23
0x24
0x25
0x26
0x27
0x28
0x29
0x2A
0x2B
0x2C
0x2D
0x2E
0x2F
0x30
0x31
0x32
0x33
0x34
0x35
0x36
0x37
0x38
0x39
0x3A
0x3B
0x3C
0x3D
0x3E
0x3F
0x40
0x41
39.2%
40.4
41.6
42.8
44
45.2
46.4
47.6
48.8
50.0
51.1
52.3
53.5
54.7
55.9
57.1
58.3
59.5
60.7
61.9
63.0
64.2
65.4
66.6
67.8
69.0
70.2
71.4
72.6
73.8
75.0
76.1
77.3
0x42
0x43
0x44
0x45
0x46
...
0xFF
78.5%
79.7
80.9
82.1
100
100
0000000
1
2
3
4
5
6
7
R/W
EN
Disable VIB
Enable VIB
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com