Electronic Components Datasheet Search
  English  ▼

X  

MAX8939EWVT Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAX8939EWVT
Description  System Power Management for Mobile Handset Hardware Input Enable
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8939EWVT Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAX8939EWVT Datasheet HTML 25Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 26Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 27Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 28Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 29Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 30Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 31Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 32Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
______________________________________________________________________________________ 29
System Power Management
for Mobile Handset
Table 7. EVENT_A
Table 8. EVENT_B
Note: The EVENT registers hold information about events that have occurred in MAX8939. Events are triggered by a change in the
status registers, which contains the status of the monitored signals. When an EVENT bit is set in the event register the IRQ signal
shall be asserted (unless the IRQ is to be masked by a bit in the IRQ mask register). The IRQ is also masked during the power-
up sequence and are not released until the event registers have been read for the first time. The event registers are automatically
cleared during read-out operation automatically. The event registers may be read-out in page mode. New events that occur during
read-out are delayed before they are passed to the event register, ensuring that the host controller does not miss them.
REGISTER NAME
EVENT_A
Register Pointer
0x03
Reset Value
0x00
Type
R/R&C
BIT
TYPE
NAME
DESCRIPTION
DEFAULT
0
R
CHG
Charger disabled caused IRQ
0
1
R&C
TIME_OUT
FAST_CHG or TOP_OFF timeout caused IRQ
0
2
R&C
WDOG_TIMEOUT
Watchdog timeout caused IRQ
0
3
R&C
TOP_OFF
Entering TOP_OFF (CV) caused IRQ
0
4
R
DONE
Fast-charging complete caused IRQ
0
5
R&C
RESTART
Fast-charging restarted caused IRQ
0
6
R&C
CHG_OVP_IN
Charger input overvoltage caused IRQ
0
7
R
TEMP_REG
Charger in thermal regulation caused IRQ
0
REGISTER NAME
EVENT_B
Register Pointer
0x04
Reset Value
0x00
Type
R/R&C
BIT
TYPE
NAME
DESCRIPTION
DEFAULT
0
R
LDO1_HWEN
Enable pin shift status caused IRQ
0
1
R&C
LED1_FAULT
Shorted or open circuitry caused IRQ
0
2
R&C
LED2_FAULT
Shorted or open circuitry caused IRQ
0
3
R
OVERTEMP
Overtemperature caused IRQ
0
4
R&C
RESET
RESET asserted
0
5
R&C
UVLO
Undervoltage lockout caused IRQ
0
6
R
CHG_DET
PWR_ON_CMP asserted by charger detection and caused
IRQ when UVLO upper
0
7
R&C
CHG_REM
Charger removal caused IRQ
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com