Electronic Components Datasheet Search
  English  ▼

X  

MAX8939EWVT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8939EWVT
Description  System Power Management for Mobile Handset Hardware Input Enable
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8939EWVT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8939EWVT Datasheet HTML 1Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 2Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 3Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 4Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 5Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 6Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 7Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 8Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
_______________________________________________________________________________________ 3
System Power Management
for Mobile Handset
ELECTRICAL CHARACTERISTICS (continued)
(VBATT = 3.7V, VCHG_IN = 5.0V, circuit of Figure 1, TA = -40NC to +85NC, unless otherwise noted. Typical values are at TA = +25NC.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC AND CONTROL OUTPUTS
IRQ (Open-Drain Output)
Output Low Voltage
IIRQ = 2mA
0.4
V
PWR_ON_CMP (Open-Drain
Output) Output Low Voltage
IPWR_ON_CMP = 2mA
0.4
V
SDA Output Low Level
ISDA = 6mA
0.4
V
I2C SERIAL INTERFACE (VSCL = VSDA = 3V) (Figure 15)
Clock Frequency
400
kHz
Bus-Free Time Between START and
STOP
tBUF
1.3
F
s
Hold Time Repeated START
Condition
tHD_STA
0.6
F
s
SCL Low Period
tLOW
1.3
F
s
SCL High Period
tHIGH
0.6
F
s
Setup Time Repeated START
Condition
tSU_STA
0.6
F
s
SDA Hold Time
tHD_DAT
0
F
s
SDA Setup time
tSU_DAT
100
ns
Maximum Pulse Width of Spikes
that Must Be Suppressed by the
Input Filter of Both DATA and CLK
Signals
50
ns
Setup Time for STOP Condition
tSU_STO
0.6
F
s
CHG_IN
Input Operating Range
4.1
10
V
CHG_IN Trip Point
VCHG_IN - VBATT, rising
200
300
400
mV
VCHG_IN - VBATT, falling
100
VCHG_IN - VBATT, hysteresis
200
Input Undervoltage Threshold (UV)
VCHG_IN rising, 500mV hysteresis (typ)
3.9
4.0
4.1
V
Input Overvoltage Threshold (OVP) VCHG_IN rising, 200mV hysteresis (typ)
10.2
10.6
11
V
Input Supply Current
IBATT = 0mA
750
1500
F
A
Shutdown Input Current
Charger disabled
500
F
A
CHG_IN to BATT Dropout
On-Resistance
VCHG_IN = 3.7V, VBATT = 3.6V
0.4
0.8
I
SAFE_OUT
SAFE_OUT Regulated Output
ISAFE_OUT = 15mA, VCHG_IN = 5V,
TA = 0NC to +85NC
4.75
4.90
5.00
V
ISAFE_OUT = 15mA, VCHG_IN = 10V,
TA = 0NC to +85NC
5.2
SAFE_OUT Current Limit
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com