Electronic Components Datasheet Search
  English  ▼

X  

MAX8939EWVT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8939EWVT
Description  System Power Management for Mobile Handset Hardware Input Enable
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8939EWVT Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8939EWVT Datasheet HTML 2Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 3Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 4Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 5Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 6Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 7Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 8Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 9Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6 ______________________________________________________________________________________
System Power Management
for Mobile Handset
ELECTRICAL CHARACTERISTICS (continued)
(VBATT = 3.7V, VCHG_IN = 5.0V, circuit of Figure 1, TA = -40NC to +85NC, unless otherwise noted. Typical values are at TA = +25NC.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Load Regulation
50FA < ILOAD < 200mA
25
mV
Power-Supply Rejection
D
VLDO1/DVBATT
f = 10Hz to 10kHz, ILOAD = 30mA
60
dB
Output Noise Voltage (RMS)
100Hz to 100kHz, ILOAD = 30mA
50
F
VRMS
Ground Current
ILOAD = 500FA
21
F
A
Shutdown Discharge Time
TOFF 90% to 10%, C = 4.7FF
1
ms
Shutdown Output Impedance
50
80
I
LDO2, LDO3
LDO2 Output Voltage Accuracy
ILOAD = 1mA, default settings
1.746
1.8
1.854
V
LDO3 Output Voltage Accuracy
ILOAD = 1mA, default settings
2.716
2.8
2.884
V
Maximum Output Current
200
mA
Current Limit
Output = 0V
400
700
mA
Dropout Voltage
ILOAD = 135mA
200
400
mV
Line Regulation
3.4V P VBATT P 5.5V, ILOAD = 100mA
2.4
mV
Load Regulation
50FA < ILOAD < 200mA
25
mV
Power-Supply Rejection
D
VLDO_/DVBATT
f = 10Hz to 10kHz, ILOAD = 30mA
60
dB
Output Noise Voltage (RMS)
100Hz to 100kHz, ILOAD = 30mA
50
F
VRMS
Ground Current
ILOAD = 500FA
21
F
A
Shutdown Discharge Time
TOFF 90% to 10%, C = 1FF
1
ms
Shutdown Output Impedance
100
150
I
LDO4
LDO4 Output Accuracy
ILOAD = 1mA default setting
2.716
2.8
2.884
V
Maximum Output Current
100
mA
Current Limit
VLDO4 = 0V
200
400
mA
Dropout Voltage
ILOAD = 70mA
200
400
mV
Line Regulation
3.4V P VBATT P 5.5V, ILOAD = 50mA
2.4
mV
Load Regulation
50FA < ILOAD < 100mA
25
mV
Power-Supply Rejection
D
VLDO4/DVBATT
f = 10Hz to 10kHz, ILOAD = 30mA
60
dB
Output Noise
100Hz to 100kHz, ILOAD = 30mA
50
F
VRMS
Ground Current
ILOAD = 500FA
25
F
A
Shutdown Discharge Time
TOFF 90% to 10%, C = 1FF
1
ms
Shutdown Output Impedance
100
150
I
OUT2 WLED STEP-UP CONVERTER
Input Supply Voltage
2.9
5.5
V
Input Supply Current
2MHz, no load
2
2.5
mA
OUT2 Leakage Current
TA = +25NC, VOUT2 = 28V, shutdown
0.1
1
F
A
TA = +85NC, VOUT2 = 28V, shutdown
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com