Electronic Components Datasheet Search
  English  ▼

X  

MAX8939EWVT Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX8939EWVT
Description  System Power Management for Mobile Handset Hardware Input Enable
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8939EWVT Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX8939EWVT Datasheet HTML 9Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 10Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 11Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 12Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 13Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 14Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 15Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 16Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
______________________________________________________________________________________ 13
System Power Management
for Mobile Handset
Pin Description
Pin Configuration
PIN
NAME
FUNCTION
A1
PGND2
Power Ground for WLED Boost Converter. Connect PGND1, PGND2, and AGND to the PCB
ground plane.
A2
LX2
Inductor Connection and Switching Node for WLED Boost Converter
A3
OUT2
WLED Step-Up Converter Output. Connect a 1FF capacitor from OUT2 to PGND2.
A4
OUT1
Step-Up Converter Output. Connect a 2.2FF capacitor from OUT1 to ground.
A5
LX1
Inductor Connection and Switching Node for OUT1 Step-Up Converter
A6
PGND1
Power Ground for OUT1 Step-Up Converter. Connect PGND1, PGND2, and AGND to the PCB
ground plane.
B1
COMP2
Step-Up Compensation Node for OUT2 Step-Up Converter. Connect a 0.22FF ceramic capacitor
from COMP to ground. The applied COMP capacitance stabilizes the converter and sets the soft-
start time. COMP discharges to ground through a 20kI resistance when in shutdown.
B2
LED1
25mA LED Current Regulator. Connect LED1 to the cathode of the first LED string.
B3
RESET_IN
Active-Low Reset Input. Pulse RESET_IN low to reset all registers (except STATUS and EVENT) to
their default state.
B4
SCL
Clock Input for I2C Serial Interface. High impedance when the I2C interface is off.
B5
LDO1_EN
Enable Input for LDO1. Drive LDO1_EN high to enable LDO1, or low to disable LDO1. Once LDO1 is
enabled or disabled through I2C, the state of LDO1_EN is ignored until reset.
B6
COMP1
Compensation for OUT1 Step-Up Converter. Connect a 2200pF capacitor from COMP1 to ground.
See the Soft-Start OUT1 section for more details.
TOP VIEW
(BUMPS ON BOTTOM)
A
B
C
D
WLP 0.5mm PITCH
E
LX2
2
LED1
LED2
OUTVIB
CHG_MON
OUT1
4
SCL
SDA
PWR_ON_CMP
BATT
PGND2
A1
A2
A3
A4
A5
A6
B1
B2
B3
B4
B5
B6
C1
C2
C3
C4
C5
C6
D1
D2
D3
D4
D5
D6
E1
E2
E3
E4
E5
E6
1
COMP2
LED3
SAFE_OUT
CHG_IN
LX1
LDO1_EN
LDO3
LDO4
5
AGND
PGND1
COMP1
LDO2
LDO1
6
REF
OUT2
3
RESET_IN
CHG
IRQ
INVIB
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com