Electronic Components Datasheet Search
  English  ▼

X  

MAX8939EWVT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8939EWVT
Description  System Power Management for Mobile Handset Hardware Input Enable
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8939EWVT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8939EWVT Datasheet HTML 1Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 2Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 3Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 4Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 5Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 6Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 7Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 8Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
2 ______________________________________________________________________________________
System Power Management
for Mobile Handset
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
BATT, OUT1, SAFE_OUT, and INVIB to AGND ....-0.3V to +6.0V
CHG_IN, OUT2, LED1, and LED2 to AGND .........-0.3V to +30V
LED3 and CHG_MON to AGND.... -0.3V to (VSAFE_OUT + 0.3V)
COMP2, IRQ, RESET_IN, COMP1, SCL, SDA, CHG,
PWR_ON_CMP, REF, LDO1, LDO2, LDO3, LDO4,
and LDO1_EN to AGND.................... -0.3V to (VBATT + 0.3V)
OUTVIB to AGND..................................-0.3V to (VINVIB + 0.3V)
PGND1 and PGND2 to AGND .............................-0.3V to +0.3V
LX1, LX2 Current (Note 1).............................................1.7ARMS
Continuous Power Dissipation (TA = +70NC)
WLP (derate 24.4mW/NC above +70NC)..........................1.9W
Junction to Ambient Thermal Resistance (BJA)
(Note 2)........................................................................41NC/W
Operating Temperature...................................... -40NC to +85NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Soldering Temperature (reflow) ......................................+260NC
ELECTRICAL CHARACTERISTICS
(VBATT = 3.7V, VCHG_IN = 5.0V, circuit of Figure 1, TA = -40NC to +85NC, unless otherwise noted. Typical values are at TA = +25NC.)
ABSOLUTE MAXIMUM RATINGS
Note 1: LX1 has internal clamp diodes to PGND1 and OUT1. LX2 has internal clamp diodes to PGND2 and OUT2. Applications
that forward bias these diodes should take care not to exceed the IC package power dissipation limit.
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-lay-
er board. For detailed information on package thermal considerations, refer to http://www.maxim-ic.com/thermal-tutorial.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BATT
BATT Operating Voltage
2.9
5.5
V
BATT Shutdown Supply Current
All outputs off, I2C disabled,
VSCL = VSDA= VRESET_IN = 0V
TA = +25NC
0.4
1
F
A
TA = +85NC
0.4
BATT Standby Supply Current
All outputs off, VSCL = VSDA =
VRESET_IN = 1.8V, I2C ready
TA = +25NC
5
10
F
A
TA = +85NC
5
BATT Biasing Supply Current
I2C ready, one or more outputs on
60
F
A
Undervoltage Lockout (UVLO)
Threshold
BATT rising
2.6
2.75
2.9
V
Undervoltage Lockout Hysteresis
100
mV
THERMAL SHUTDOWN
Threshold
+160
N
C
Hysteresis
20
N
C
REFERENCE
Reference Output Voltage
1.200
V
Reference Supply Rejection
0.2
mV
LOGIC AND CONTROL INPUTS
Input Low Level
SDA, SCL, LDO1_EN, CHG, and RESET_IN
0.4
V
Input High Level
SDA, SCL, LDO1_EN, CHG, and RESET_IN
1.40
V
Logic-Input Current
SDA, SCL, LDO1_EN, CHG,
and RESET_IN, 0 < VIN < 5.5V
TA = +25NC
-1
+1
F
A
TA = +85NC
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com