Electronic Components Datasheet Search
  English  ▼

X  

MAX8939EWVT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8939EWVT
Description  System Power Management for Mobile Handset Hardware Input Enable
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8939EWVT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8939EWVT Datasheet HTML 1Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 2Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 3Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 4Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 5Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 6Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 7Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 8Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
_______________________________________________________________________________________ 5
System Power Management
for Mobile Handset
ELECTRICAL CHARACTERISTICS (continued)
(VBATT = 3.7V, VCHG_IN = 5.0V, circuit of Figure 1, TA = -40NC to +85NC, unless otherwise noted. Typical values are at TA = +25NC.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
THERMAL LOOP
Thermal Limit Temperature
Junction temperature when the charge current is
reduced, TJ rising, default value
+100
N
C
OUT1 STEP-UP DC-DC CONVERTER
Input Voltage (VBATT)
2.9
5.5
V
Input Supply Current
2MHz switching, VOUT = 5V, no load
11
mA
OUT1 Voltage Accuracy
500mA load, default value, TA = +85NC
4.8
5.0
5.2
V
Maximum Output Current
VBATT R 3.2V, VOUT1 = 5.0V
550
700
mA
nFET Current Limit
2.0
A
Line Regulation
VBATT = 2.9V to 4.2V
0.1
%/V
Load Regulation
0 to 500mA load
0.5
%/A
LX1 nFET On-Resistance
LX1 to PGND1, ILX1 = 200mA
0.1
0.2
I
LX1 pFET On-Resistance
LX1 to OUT1, ILX1 = -200mA
0.15
0.3
I
LX1 Leakage
VLX1 = 5.5V
TA = +25NC
0.1
5
F
A
TA = +85NC
1
Switching Frequency
1.8
2
2.2
MHz
Maximum Duty Cycle
65
75
%
Minimum Duty Cycle
8
%
COMP Discharge Resistance
During shutdown or UVLO
220
I
VIBRATOR
Programmable Output Voltage
OUTVIB
1mA at VBATT = VINVIB = 5.5V, 150mA at VBATT =
VINVIB = 3.4V, default value
3
V
Output Current
200
mA
Current Limit
VOUTVIB = 0V
400
600
mA
Dropout Voltage
ILOAD = 135mA, TA = +25NC
150
300
mV
Line Regulation
3.4V P VBATT = VINVIB < 5.5V, ILOAD = 100mA
2.2
mV
Load Regulation
1mA < ILOAD < 200mA
25
mV
Power-Supply Rejection
D
VINVIB/DVOUTVIB
f = 10Hz to 10kHz, ILOAD = 30mA
40
dB
Output Noise
100Hz to 100kHz, ILOAD = 30mA
65
F
VRMS
Discharge Time Constant
TOFF 90% to 5%, C = 1FF
0.1
ms
Active Stop
nFET on-resistance
1
I
Active Brake on Shutdown
nFET on duration
85
ms
LDO1
Output Voltage Accuracy
ILOAD = 1mA default 2.9V setting
2.813
2.9
2.987
V
Maximum Output Current
400
mA
Current Limit
VLDO1 = 0V
600
mA
Dropout Voltage
ILOAD = 200mA
200
400
mV
Line Regulation
3.4V P VBATT P 5.5V, ILOAD = 100mA
2.4
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com