Electronic Components Datasheet Search
  English  ▼

X  

MAX8939EWVT Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # MAX8939EWVT
Description  System Power Management for Mobile Handset Hardware Input Enable
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8939EWVT Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button MAX8939EWVT Datasheet HTML 24Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 25Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 26Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 27Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 28Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 29Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 30Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 31Page - Maxim Integrated Products MAX8939EWVT Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
28 _____________________________________________________________________________________
System Power Management
for Mobile Handset
Table 4. CHIP_ID1
Table 5. CHIP_ID2
Table 6. STATUS
REGISTER NAME
CHIP_ID1
Register Pointer
0x00
Reset Value
0x56
Type
R
BIT
TYPE
NAME
DESCRIPTION
DEFAULT
0–7
R
Die type
BCD characters 69
0x56
REGISTER NAME
CHIP_ID2
Register Pointer
0x01
Reset Value
0x04
Type
R
BIT
TYPE
NAME
DESCRIPTION
DEFAULT
0–7
R
Mask Revision
BCD characters 01
0x04
REGISTER NAME
STATUS
Register Pointer
0x02
Reset Value
0x00
Type
R
BIT
TYPE
NAME
DESCRIPTION
DEFAULT
0
R
CHG
Charger disabled
0
1
R
DONE
Fast-charging complete
0
2
R
TEMP_REG
Charger in thermal regulation
0
3
R
LDO1_HWEN
Enable pin status
0
4
R
FAST_CHG
Fast charging in progress (CC)
0
5
R
TOP_OFF
Top off in progress (CV)
0
6
R
CHG_DET
PWR_ON_CMP asserted by charger detection
0
7
R
Reserved
—
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com