Electronic Components Datasheet Search
  English  ▼

X  

LPC1785 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LPC1785
Description  32-bit ARM Cortex-M3 microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1785 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LPC1785 Datasheet HTML 13Page - NXP Semiconductors LPC1785 Datasheet HTML 14Page - NXP Semiconductors LPC1785 Datasheet HTML 15Page - NXP Semiconductors LPC1785 Datasheet HTML 16Page - NXP Semiconductors LPC1785 Datasheet HTML 17Page - NXP Semiconductors LPC1785 Datasheet HTML 18Page - NXP Semiconductors LPC1785 Datasheet HTML 19Page - NXP Semiconductors LPC1785 Datasheet HTML 20Page - NXP Semiconductors LPC1785 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
17 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
P1[4]
192
A5
C6
133
[3]
I;
PU
I/O
P1[4] — General purpose digital input/output pin.
O
ENET_TX_EN — Ethernet transmit data enable (RMII/MII
interface).
-
R — Function reserved.
O
T3_MAT2 — Match output for Timer 3, channel 2.
I/O
SSP2_MISO — Master In Slave Out for SSP2.
P1[5]
156
A17
B13
-
[3]
I;
PU
I/O
P1[5] — General purpose digital input/output pin.
O
ENET_TX_ER — Ethernet Transmit Error (MII interface).
O
SD_PWR — Power Supply Enable for external SD card power
supply.
O
PWM0[3] — Pulse Width Modulator 0, output 3.
P1[6]
171
B11
B10
-
[3]
I;
PU
I/O
P1[6] — General purpose digital input/output pin.
I
ENET_TX_CLK — Ethernet Transmit Clock (MII interface).
I/O
SD_DAT[0] — Data line 0 for SD card interface.
O
PWM0[4] — Pulse Width Modulator 0, output 4.
P1[7]
153
D14
C13
-
[3]
I;
PU
I/O
P1[7] — General purpose digital input/output pin.
I
ENET_COL — Ethernet Collision detect (MII interface).
I/O
SD_DAT[1] — Data line 1 for SD card interface.
O
PWM0[5] — Pulse Width Modulator 0, output 5.
P1[8]
190
C7
B6
132
[3]
I;
PU
I/O
P1[8] — General purpose digital input/output pin.
I
ENET_CRS (ENET_CRS_DV) — Ethernet Carrier Sense (MII
interface) or Ethernet Carrier Sense/Data Valid (RMII interface).
-
R — Function reserved.
O
T3_MAT1 — Match output for Timer 3, channel 1.
I/O
SSP2_SSEL — Slave Select for SSP2.
P1[9]
188
A6
D7
131
[3]
I;
PU
I/O
P1[9] — General purpose digital input/output pin.
I
ENET_RXD0 — Ethernet receive data 0 (RMII/MII interface).
-
R — Function reserved.
O
T3_MAT0 — Match output for Timer 3, channel 0.
P1[10]
186
C8
A7
129
[3]
I;
PU
I/O
P1[10] — General purpose digital input/output pin.
I
ENET_RXD1 — Ethernet receive data 1 (RMII/MII interface).
-
R — Function reserved.
I
T3_CAP0 — Capture input for Timer 3, channel 0.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC
pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com