Electronic Components Datasheet Search
  English  ▼

X  

LPC1785 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # LPC1785
Description  32-bit ARM Cortex-M3 microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1785 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button LPC1785 Datasheet HTML 67Page - NXP Semiconductors LPC1785 Datasheet HTML 68Page - NXP Semiconductors LPC1785 Datasheet HTML 69Page - NXP Semiconductors LPC1785 Datasheet HTML 70Page - NXP Semiconductors LPC1785 Datasheet HTML 71Page - NXP Semiconductors LPC1785 Datasheet HTML 72Page - NXP Semiconductors LPC1785 Datasheet HTML 73Page - NXP Semiconductors LPC1785 Datasheet HTML 74Page - NXP Semiconductors LPC1785 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
71 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
10. Static characteristics
Table 11.
Static characteristics
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Supply pins
VDD(3V3)
supply voltage (3.3 V)
external rail
[2] 2.4
3.3
3.6
V
VDD(REG)(3V3)
regulator supply voltage
(3.3 V)
2.4
3.3
3.6
V
VDDA
analog 3.3 V pad supply
voltage
2.7
3.3
3.6
V
Vi(VBAT)
input voltage on pin
VBAT
[3] 2.1
3.3
3.6
V
Vi(VREFP)
input voltage on pin
VREFP
2.7
3.3
VDDA
V
IDD(REG)(3V3)
regulator supply current
(3.3 V)
active mode; code
while(1){}
executed from flash; all
peripherals disabled
PCLK = CCLK/4
CCLK = 12 MHz; PLL
disabled
[4] -7.09
-
mA
CCLK = 120 MHz; PLL
enabled
[4] -
51.22
-
mA
active mode; code
while(1){}
executed from flash; all
peripherals enabled;
PCLK = CCLK/4
CCLK = 12 MHz; PLL
disabled
[4]
14
CCLK = 120 MHz; PLL
enabled
[4]
100
mA
Sleep mode
[4][5] -4.86
-
mA
Deep sleep mode
[4][6] -370
-
A
Power-down mode
[4][6] -56
-
A
Deep power-down mode
[4] -1.3
-
A
IBAT
battery supply current
Deep power-down mode;
RTC running
VDD(REG)(3V3) present
[7] -<tbd>
-nA
VDD(REG)(3V3) not
present
[8] -
<tbd>
-
nA
IDD(IO)
I/O supply current
Deep sleep mode
[9] -<tbd>
-nA
Power-down mode
[9] -<tbd>
-nA
Deep power-down mode
[9] -<tbd>
-nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com