Electronic Components Datasheet Search
  English  ▼

X  

LPC1785 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # LPC1785
Description  32-bit ARM Cortex-M3 microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1785 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button LPC1785 Datasheet HTML 79Page - NXP Semiconductors LPC1785 Datasheet HTML 80Page - NXP Semiconductors LPC1785 Datasheet HTML 81Page - NXP Semiconductors LPC1785 Datasheet HTML 82Page - NXP Semiconductors LPC1785 Datasheet HTML 83Page - NXP Semiconductors LPC1785 Datasheet HTML 84Page - NXP Semiconductors LPC1785 Datasheet HTML 85Page - NXP Semiconductors LPC1785 Datasheet HTML 86Page - NXP Semiconductors LPC1785 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
83 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
Fig 17. External static memory read/write access (PB =1)
RD1
WR1
A
WR8
WR4
WR8
CS
RD2
RD7
RD7
RD4
OE
BLSx
WE
RD5
WR6
WR2
RD5
RD5
RD5
RD6
RD3
EOR
EOW
D
WR3
WR5
WR7
002aag215
Fig 18. External static memory burst read cycle
RD5
RD5
RD5
RD5
A
CS
OE
BLSx
WE
D
002aag216
Table 16.
Dynamic characteristics: Dynamic external memory interface, read strategy bits (RD bits) = 00
CL =30 pF, Tamb = 40 C to 85 C, VDD(REG)(3V3) = 3.0 V to 3.6 V. All programmable delays EMCDLYCTL are bypassed.
Values guaranteed by design.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Common to read and write cycles
td(SV)
chip select valid delay time
2.9
4.2
6.2
ns
th(S)
chip select hold time
1.2
1.8
3.3
ns
td(RASV)
row address strobe valid delay time
2.8
4.2
6.2
ns
th(RAS)
row address strobe hold time
1.3
1.9
3.5
ns
td(CASV)
column address strobe valid delay time
2.8
4.2
6.2
ns
th(CAS)
column address strobe hold time
1.3
1.9
3.5
ns
td(WV)
write valid delay time
3.6
5.2
7.7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com