Electronic Components Datasheet Search
  English  ▼

X  

LPC1785 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC1785
Description  32-bit ARM Cortex-M3 microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1785 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC1785 Datasheet HTML 8Page - NXP Semiconductors LPC1785 Datasheet HTML 9Page - NXP Semiconductors LPC1785 Datasheet HTML 10Page - NXP Semiconductors LPC1785 Datasheet HTML 11Page - NXP Semiconductors LPC1785 Datasheet HTML 12Page - NXP Semiconductors LPC1785 Datasheet HTML 13Page - NXP Semiconductors LPC1785 Datasheet HTML 14Page - NXP Semiconductors LPC1785 Datasheet HTML 15Page - NXP Semiconductors LPC1785 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
12 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
P0[8]
160
A15
C12
111
[4]
I; IA I/O
P0[8] — General purpose digital input/output pin.
I/O
I2S_TX_WS — I2S Transmit word select. It is driven by the
master and received by the slave. Corresponds to the signal WS
in the I2S-bus specification.
I/O
SSP1_MISO — Master In Slave Out for SSP1.
O
T2_MAT2 — Match output for Timer 2, channel 2.
I
RTC_EV1 — Event input 1 to Event Monitor/Recorder.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD[16] — LCD data.
P0[9]
158
C14
A13
109
[4]
I; IA I/O
P0[9] — General purpose digital input/output pin.
I/O
I2S_TX_SDA — I2S transmit data. It is driven by the transmitter
and read by the receiver. Corresponds to the signal SD in the
I2S-bus specification.
I/O
SSP1_MOSI — Master Out Slave In for SSP1.
O
T2_MAT3 — Match output for Timer 2, channel 3.
I
RTC_EV2 — Event input 2 to Event Monitor/Recorder.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD[17] — LCD data.
P0[10]
98
T15
L10
69
[3]
I;
PU
I/O
P0[10] — General purpose digital input/output pin.
O
U2_TXD — Transmitter output for UART2.
I/O
I2C2_SDA — I2C2 data input/output (this pin does not use a
specialized I2C pad).
O
T3_MAT0 — Match output for Timer 3, channel 0.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD[5] — LCD data.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC
pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com