Electronic Components Datasheet Search
  English  ▼

X  

LPC1785 Datasheet(PDF) 91 Page - NXP Semiconductors

Part # LPC1785
Description  32-bit ARM Cortex-M3 microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1785 Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button LPC1785 Datasheet HTML 87Page - NXP Semiconductors LPC1785 Datasheet HTML 88Page - NXP Semiconductors LPC1785 Datasheet HTML 89Page - NXP Semiconductors LPC1785 Datasheet HTML 90Page - NXP Semiconductors LPC1785 Datasheet HTML 91Page - NXP Semiconductors LPC1785 Datasheet HTML 92Page - NXP Semiconductors LPC1785 Datasheet HTML 93Page - NXP Semiconductors LPC1785 Datasheet HTML 94Page - NXP Semiconductors LPC1785 Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
91 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
11.8 I2S-bus interface
[1]
CCLK = 100 MHz; peripheral clock to the I2S-bus interface PCLK = CCLK / 4. I2S clock cycle time Tcy(clk) =
1600 ns, corresponds to the SCK signal in the I2S-bus specification.
Table 24.
Dynamic characteristics: I2S-bus interface pins
Tamb = 40 C to 85 C, VDD(REG)(3V3) = 3.0 V to 3.6 V. Values guaranteed by design.
Symbol
Parameter
Conditions
Min
Max
Unit
common to input and output
tr
rise time
[1]
-6.7
ns
tf
fall time
[1]
-8.0
ns
tWH
pulse width HIGH
on pins I2S_TX_SCK and
I2S_RX_SCK
[1]
25
-
-
tWL
pulse width LOW
on pins I2S_TX_SCK and
I2S_RX_SCK
[1]
-25
ns
output
tv(Q)
data output valid time
on pin I2S_TX_SDA;
[1]
-6
ns
input
tsu(D)
data input set-up time
on pin I2S_RX_SDA
[1]
5-
ns
th(D)
data input hold time
on pin I2S_RX_SDA
[1]
2-
ns
Fig 25. I2S-bus timing (transmit)
002aag202
I2S_TX_SCK
I2S_TX_SDA
I2S_TX_WS
Tcy(clk)
tf
tr
tWH
tWL
tv(Q)
tv(Q)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com