Electronic Components Datasheet Search
  English  ▼

X  

LPC1785 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # LPC1785
Description  32-bit ARM Cortex-M3 microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1785 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button LPC1785 Datasheet HTML 85Page - NXP Semiconductors LPC1785 Datasheet HTML 86Page - NXP Semiconductors LPC1785 Datasheet HTML 87Page - NXP Semiconductors LPC1785 Datasheet HTML 88Page - NXP Semiconductors LPC1785 Datasheet HTML 89Page - NXP Semiconductors LPC1785 Datasheet HTML 90Page - NXP Semiconductors LPC1785 Datasheet HTML 91Page - NXP Semiconductors LPC1785 Datasheet HTML 92Page - NXP Semiconductors LPC1785 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
89 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
11.7 I2C-bus
Fig 23. SSP slave timing in SPI mode
SCK (CPOL = 0)
MOSI
MISO
Tcy(clk)
tclk(H)
tclk(L)
tDS
tDH
tv(Q)
DATA VALID
DATA VALID
th(Q)
SCK (CPOL = 1)
DATA VALID
DATA VALID
MOSI
MISO
tDS
tDH
tv(Q)
DATA VALID
DATA VALID
th(Q)
DATA VALID
DATA VALID
CPHA = 1
CPHA = 0
002aae830
Table 23.
Dynamic characteristic: I2C-bus pins[1]
Tamb = 40 C to +85 C.[2]
Symbol
Parameter
Conditions
Min
Max
Unit
fSCL
SCL clock
frequency
Standard-mode
0
100
kHz
Fast-mode
0
400
kHz
Fast-mode Plus
0
1
MHz
tf
fall time
[4][5][6][7]
of both SDA and
SCL signals
Standard-mode
-
300
ns
Fast-mode
20 + 0.1
 C
b
300
ns
Fast-mode Plus
-
120
ns
tLOW
LOW period of
the SCL clock
Standard-mode
4.7
-
s
Fast-mode
1.3
-
s
Fast-mode Plus
0.5
-
s
tHIGH
HIGH period of
the SCL clock
Standard-mode
4.0
-
s
Fast-mode
0.6
-
s
Fast-mode Plus
0.26
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com