Electronic Components Datasheet Search
  English  ▼

X  

LPC1785 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # LPC1785
Description  32-bit ARM Cortex-M3 microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1785 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button LPC1785 Datasheet HTML 59Page - NXP Semiconductors LPC1785 Datasheet HTML 60Page - NXP Semiconductors LPC1785 Datasheet HTML 61Page - NXP Semiconductors LPC1785 Datasheet HTML 62Page - NXP Semiconductors LPC1785 Datasheet HTML 63Page - NXP Semiconductors LPC1785 Datasheet HTML 64Page - NXP Semiconductors LPC1785 Datasheet HTML 65Page - NXP Semiconductors LPC1785 Datasheet HTML 66Page - NXP Semiconductors LPC1785 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
63 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
7.33.3 Wake-up timer
The LPC178x/7x begin operation at power-up and when awakened from Power-down
mode by using the 12 MHz IRC oscillator as the clock source. This allows chip operation
to resume quickly. If the main oscillator or the PLL is needed by the application, software
will need to enable these features and wait for them to stabilize before they are used as a
clock source.
When the main oscillator is initially activated, the wake-up timer allows software to ensure
that the main oscillator is fully functional before the processor uses it as a clock source
and starts to execute instructions. This is important at power on, all types of reset, and
whenever any of the aforementioned functions are turned off for any reason. Since the
oscillator and other functions are turned off during Power-down mode, any wake-up of the
processor from Power-down mode makes use of the wake-up Timer.
The wake-up timer monitors the crystal oscillator to check whether it is safe to begin code
execution. When power is applied to the chip, or when some event caused the chip to exit
Power-down mode, some time is required for the oscillator to produce a signal of sufficient
amplitude to drive the clock logic. The amount of time depends on many factors, including
the rate of VDD(3V3) ramp (in the case of power on), the type of crystal and its electrical
characteristics (if a quartz crystal is used), as well as any other external circuitry (e.g.,
capacitors), and the characteristics of the oscillator itself under the existing ambient
conditions.
7.33.4 Power control
The LPC178x/7x support a variety of power control features. There are four special
modes of processor power reduction: Sleep mode, Deep-sleep mode, Power-down mode,
and Deep power-down mode. The CPU clock rate may also be controlled as needed by
changing clock sources, reconfiguring PLL values, and/or altering the CPU clock divider
value. This allows a trade-off of power versus processing speed based on application
requirements. In addition, the peripheral power control allows shutting down the clocks to
individual on-chip peripherals, allowing fine tuning of power consumption by eliminating all
dynamic power use in any peripherals that are not required for the application. Each of the
peripherals has its own clock divider which provides even better power control.
Integrated PMU (Power Management Unit) automatically adjust internal regulators to
minimize power consumption during Sleep, Deep sleep, Power-down, and Deep
power-down modes.
The LPC178x/7x also implement a separate power domain to allow turning off power to
the bulk of the device while maintaining operation of the RTC and a small set of registers
for storing data during any of the power-down modes.
7.33.4.1
Sleep mode
When Sleep mode is entered, the clock to the core is stopped. Resumption from the Sleep
mode does not need any special sequence other than re-enabling the clock to the ARM
core.
In Sleep mode, execution of instructions is suspended until either a Reset or interrupt
occurs. Peripheral functions continue operation during Sleep mode and may generate
interrupts to cause the processor to resume execution. Sleep mode eliminates dynamic
power used by the processor itself, memory systems and related controllers, and internal
buses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com