Electronic Components Datasheet Search
  English  ▼

X  

LPC1785 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LPC1785
Description  32-bit ARM Cortex-M3 microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1785 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LPC1785 Datasheet HTML 11Page - NXP Semiconductors LPC1785 Datasheet HTML 12Page - NXP Semiconductors LPC1785 Datasheet HTML 13Page - NXP Semiconductors LPC1785 Datasheet HTML 14Page - NXP Semiconductors LPC1785 Datasheet HTML 15Page - NXP Semiconductors LPC1785 Datasheet HTML 16Page - NXP Semiconductors LPC1785 Datasheet HTML 17Page - NXP Semiconductors LPC1785 Datasheet HTML 18Page - NXP Semiconductors LPC1785 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
15 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
P0[22]
116
N17
L14
80
[6]
I;
PU
I/O
P0[22] — General purpose digital input/output pin.
O
U1_RTS — Request to Send output for UART1. Can also be
configured to be an RS-485/EIA-485 output enable signal for
UART1.
I/O
SD_DAT[0] — Data line 0 for SD card interface.
O
U4_TXD — Transmitter output for USART4 (input/output in
smart card mode).
O
CAN_TD1 — CAN1 transmitter output.
P0[23]
18
H1
F5
13
[5]
I;
PU
I/O
P0[23] — General purpose digital input/output pin.
I
ADC0_IN[0] — A/D converter 0, input 0. When configured as an
ADC input, the digital function of the pin must be disabled.
I/O
I2S_RX_SCK — Receive Clock. It is driven by the master and
received by the slave. Corresponds to the signal SCK in the
I2S-bus specification.
I
T3_CAP0 — Capture input for Timer 3, channel 0.
P0[24]
16
G2
E1
11
[5]
I;
PU
I/O
P0[24] — General purpose digital input/output pin.
I
ADC0_IN[1] — A/D converter 0, input 1. When configured as an
ADC input, the digital function of the pin must be disabled.
I/O
I2S_RX_WS — Receive Word Select. It is driven by the master
and received by the slave. Corresponds to the signal WS in the
I2S-bus specification.
I
T3_CAP1 — Capture input for Timer 3, channel 1.
P0[25]
14
F1
E4
10
[5]
I;
PU
I/O
P0[25] — General purpose digital input/output pin.
I
ADC0_IN[2] — A/D converter 0, input 2. When configured as an
ADC input, the digital function of the pin must be disabled.
I/O
I2S_RX_SDA — Receive data. It is driven by the transmitter
and read by the receiver. Corresponds to the signal SD in the
I2S-bus specification.
O
U3_TXD — Transmitter output for UART3.
P0[26]
12
E1
D1
8
[7]
I;
PU
I/O
P0[26] — General purpose digital input/output pin.
I
ADC0_IN[3] — A/D converter 0, input 3. When configured as an
ADC input, the digital function of the pin must be disabled.
O
DAC_OUT — D/A converter output. When configured as the
DAC output, the digital function of the pin must be disabled.
I
U3_RXD — Receiver input for UART3.
P0[27]
50
T1
L3
35
[8]
<tb
d>
I/O
P0[27] — General purpose digital input/output pin.
I/O
I2C0_SDA — I2C0 data input/output. (this pin uses a
specialized I2C pad).
I/O
USB_SDA1 — I2C serial data for communication with an
external USB transceiver.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC
pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com