Electronic Components Datasheet Search
  English  ▼

X  

LPC1785 Datasheet(PDF) 88 Page - NXP Semiconductors

Part # LPC1785
Description  32-bit ARM Cortex-M3 microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1785 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button LPC1785 Datasheet HTML 84Page - NXP Semiconductors LPC1785 Datasheet HTML 85Page - NXP Semiconductors LPC1785 Datasheet HTML 86Page - NXP Semiconductors LPC1785 Datasheet HTML 87Page - NXP Semiconductors LPC1785 Datasheet HTML 88Page - NXP Semiconductors LPC1785 Datasheet HTML 89Page - NXP Semiconductors LPC1785 Datasheet HTML 90Page - NXP Semiconductors LPC1785 Datasheet HTML 91Page - NXP Semiconductors LPC1785 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
88 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
[1]
Tcy(clk) = (SSPCLKDIV  (1 + SCR)  CPSDVSR) / fmain. 2The clock cycle time derived from the SPI bit rate
Tcy(clk) is a function of the main clock frequency fmain, the SSP peripheral clock divider (SSPCLKDIV), the
SSP SCR parameter (specified in the SSP0CR0 register), and the SSP CPSDVSR parameter (specified in
the SSP clock prescale register).
[2]
Tamb = 40 C to 85 C; VDD(REG)(3V3) = 3.0 V to 3.6 V.
[3]
Tcy(clk) = 12  Tcy(PCLK).
[4]
Tamb = 25 C; VDD = 3.3 V.
Tcy(clk)
clock cycle time
[3]
120
-
-
ns
tDS
data set-up time
in SPI mode
[3][4]
14.8
10.5
-
ns
tDH
data hold time
in SPI mode
[3][4]
21
-
ns
tv(Q)
data output valid time in SPI mode
[3][4]
-4.0
6.3
ns
th(Q)
data output hold time in SPI mode
[3][4]
2.4
0.2
-
ns
Fig 22. SSP master timing in SPI mode
Table 22.
Dynamic characteristics: SSP pins in SPI mode
Tamb = 40 C to 85 C, VDD(REG)(3V3) = 3.0 V to 3.6 V. Values guaranteed by design.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SCK (CPOL = 0)
MOSI
MISO
Tcy(clk)
tclk(H)
tclk(L)
tDS
tDH
tv(Q)
DATA VALID
DATA VALID
th(Q)
SCK (CPOL = 1)
DATA VALID
DATA VALID
MOSI
MISO
tDS
tDH
DATA VALID
DATA VALID
th(Q)
DATA VALID
DATA VALID
tv(Q)
CPHA = 1
CPHA = 0
002aae829



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com