Electronic Components Datasheet Search
  English  ▼

X  

LPC1785 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LPC1785
Description  32-bit ARM Cortex-M3 microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1785 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LPC1785 Datasheet HTML 18Page - NXP Semiconductors LPC1785 Datasheet HTML 19Page - NXP Semiconductors LPC1785 Datasheet HTML 20Page - NXP Semiconductors LPC1785 Datasheet HTML 21Page - NXP Semiconductors LPC1785 Datasheet HTML 22Page - NXP Semiconductors LPC1785 Datasheet HTML 23Page - NXP Semiconductors LPC1785 Datasheet HTML 24Page - NXP Semiconductors LPC1785 Datasheet HTML 25Page - NXP Semiconductors LPC1785 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
22 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
P1[31]
40
P1
K2
28
[5]
I;
PU
I/O
P1[31] — General purpose digital input/output pin.
I
USB_OVRCR2 — Over-Current status for USB port 2.
I/O
SSP1_SCK — Serial Clock for SSP1.
I
ADC0_IN[5] — A/D converter 0, input 5. When configured as an
ADC input, the digital function of the pin must be disabled.
I/O
I2C0_SCL — I2C0 clock input/output (this pin does not use a
specialized I2C pad.
P2[0] to
P2[31]
I/O
Port 2: Port 2 is a 32 bit I/O port with individual direction
controls for each bit. The operation of port 1 pins depends upon
the pin function selected via the pin connect block.
P2[0]
154
B17
D12
107
[3]
I;
PU
I/O
P2[0] — General purpose digital input/output pin.
O
PWM1[1] — Pulse Width Modulator 1, channel 1 output.
O
U1_TXD — Transmitter output for UART1.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_PWR — LCD panel power enable.
P2[1]
152
E14
C14
106
[3]
I;
PU
I/O
P2[1] — General purpose digital input/output pin.
O
PWM1[2] — Pulse Width Modulator 1, channel 2 output.
I
U1_RXD — Receiver input for UART1.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_LE — Line end signal.
P2[2]
150
D15
E11
105
[3]
I;
PU
I/O
P2[2] — General purpose digital input/output pin.
O
PWM1[3] — Pulse Width Modulator 1, channel 3 output.
I
U1_CTS — Clear to Send input for UART1.
O
T2_MAT3 — Match output for Timer 2, channel 3.
-
R — Function reserved.
O
TRACEDATA[3] — Trace data, bit 3.
-
R — Function reserved.
O
LCD_DCLK — LCD panel clock.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC
pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com