Electronic Components Datasheet Search
  English  ▼

X  

LPC1785 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # LPC1785
Description  32-bit ARM Cortex-M3 microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1785 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button LPC1785 Datasheet HTML 56Page - NXP Semiconductors LPC1785 Datasheet HTML 57Page - NXP Semiconductors LPC1785 Datasheet HTML 58Page - NXP Semiconductors LPC1785 Datasheet HTML 59Page - NXP Semiconductors LPC1785 Datasheet HTML 60Page - NXP Semiconductors LPC1785 Datasheet HTML 61Page - NXP Semiconductors LPC1785 Datasheet HTML 62Page - NXP Semiconductors LPC1785 Datasheet HTML 63Page - NXP Semiconductors LPC1785 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
60 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
• Dedicated power supply pin can be connected to a battery or to the main 3.3 V.
• Periodic interrupts can be generated from increments of any field of the time registers.
• Backup registers (20 bytes) powered by VBAT.
• RTC power supply is isolated from the rest of the chip.
7.32 Event monitor/recorder
The event monitor/recorder allows recording of tampering events in sealed product
enclosures. Sensors report any attempt to open the enclosure, or to tamper with the
device in any other way. The event monitor/recorder stores records of such events when
the device is powered only by the backup battery.
7.32.1 Features
• Supports three digital event inputs in the VBAT power domain.
• An event is defined as a level change at the digital event inputs.
• For each event channel, two timestamps mark the first and the last occurrence of an
event. Each channel also has a dedicated counter tracking the total number of events.
Timestamp values are taken from the RTC.
• Runs in VBAT power domain, independent of system power supply. The
event/recorder/monitor can therefore operate in Deep power-down mode.
• Very low power consumption.
• Interrupt available if system is running.
• A qualified event can be used as a wake-up trigger.
• State of event interrupts accessible by software through GPIO.
7.33 Clocking and power control
7.33.1 Crystal oscillators
The LPC178x/7x include four independent oscillators. These are the main oscillator, the
IRC oscillator, the watchdog oscillator, and the RTC oscillator. Each oscillator can be used
for more than one purpose as required in a particular application. Any of the three clock
sources can be chosen by software to drive the main PLL and ultimately the CPU.
Following reset, the LPC178x/7x will operate from the Internal RC oscillator until switched
by software. This allows systems to operate without any external crystal and the boot
loader code to operate at a known frequency.
See Figure 7 for an overview of the LPC178x/7x clock generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com