Electronic Components Datasheet Search
  English  ▼

X  

LPC1785 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # LPC1785
Description  32-bit ARM Cortex-M3 microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1785 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button LPC1785 Datasheet HTML 48Page - NXP Semiconductors LPC1785 Datasheet HTML 49Page - NXP Semiconductors LPC1785 Datasheet HTML 50Page - NXP Semiconductors LPC1785 Datasheet HTML 51Page - NXP Semiconductors LPC1785 Datasheet HTML 52Page - NXP Semiconductors LPC1785 Datasheet HTML 53Page - NXP Semiconductors LPC1785 Datasheet HTML 54Page - NXP Semiconductors LPC1785 Datasheet HTML 55Page - NXP Semiconductors LPC1785 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
52 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
• GPIO registers are accessed through the AHB multilayer bus so that the fastest
possible I/O timing can be achieved.
• Mask registers allow treating sets of port bits as a group, leaving other bits
unchanged.
• All GPIO registers are byte and half-word addressable.
• Entire port value can be written in one instruction.
• Support for Cortex-M3 bit banding.
• Support for use with the GPDMA controller.
Additionally, any pin on Port 0 and Port 2 providing a digital function can be programmed
to generate an interrupt on a rising edge, a falling edge, or both. The edge detection is
asynchronous, so it may operate when clocks are not present such as during Power-down
mode. Each enabled interrupt can be used to wake up the chip from Power-down mode.
7.17.1 Features
• Bit level set and clear registers allow a single instruction to set or clear any number of
bits in one port.
• Direction control of individual bits.
• All I/O default to inputs after reset.
• Pull-up/pull-down resistor configuration and open-drain configuration can be
programmed through the pin connect block for each GPIO pin.
7.18 12-bit ADC
The LPC178x/7x contain one ADC. It is a single 12-bit successive approximation ADC
with eight channels and DMA support.
7.18.1 Features
• 12-bit successive approximation ADC.
• Input multiplexing among eight pins.
• Power-down mode.
• Measurement range VSS to VREFP.
• 12-bit conversion rate: up to 400 kHz.
• Individual channels can be selected for conversion.
• Burst conversion mode for single or multiple inputs.
• Optional conversion on transition of input pin or Timer Match signal.
• Individual result registers for each ADC channel to reduce interrupt overhead.
• DMA support.
7.19 10-bit DAC
The LPC178x/7x contain one DAC. The DAC allows to generate a variable analog output.
The maximum output value of the DAC is VREFP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com