Electronic Components Datasheet Search
  English  ▼

X  

LPC1111 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # LPC1111
Description  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button LPC1111 Datasheet HTML 54Page - NXP Semiconductors LPC1111 Datasheet HTML 55Page - NXP Semiconductors LPC1111 Datasheet HTML 56Page - NXP Semiconductors LPC1111 Datasheet HTML 57Page - NXP Semiconductors LPC1111 Datasheet HTML 58Page - NXP Semiconductors LPC1111 Datasheet HTML 59Page - NXP Semiconductors LPC1111 Datasheet HTML 60Page - NXP Semiconductors LPC1111 Datasheet HTML 61Page - NXP Semiconductors LPC1111 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
LPC1111_12_13_14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 22 June 2011
58 of 64
NXP Semiconductors
LPC1111/12/13/14
32-bit ARM Cortex-M0 microcontroller
Fig 36. Reflow soldering of the HVQFN33 package
Footprint information for reflow soldering of HVQFN33 package
001aao134
occupied area
solder land
solder resist
solder land plus solder paste
solder paste deposit
Dimensions in mm
Remark:
Stencil thickness: 0.125 mm
e = 0.65
evia = 4.25
OwDtot = 5.10 OA
PID = 7.25 PA+OA
OID = 8.20 OA
0.20 SR
chamfer (4×)
W = 0.30 CU
evia = 2.40
LbD = 5.80 CU
LaD = 7.95 CU
DHS = 4.85 CU
4.55 SR
B-side
(A-side fully covered)
number of vias: 20
Solder resist
covered via
0.30 PH
0.60 SR cover
0.60 CU
SDhtot = 2.70 SP
0.45 DM
SPD = 1.00 SP
GapD = 0.70 SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com