Electronic Components Datasheet Search
  English  ▼

X  

LPC1111 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # LPC1111
Description  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button LPC1111 Datasheet HTML 56Page - NXP Semiconductors LPC1111 Datasheet HTML 57Page - NXP Semiconductors LPC1111 Datasheet HTML 58Page - NXP Semiconductors LPC1111 Datasheet HTML 59Page - NXP Semiconductors LPC1111 Datasheet HTML 60Page - NXP Semiconductors LPC1111 Datasheet HTML 61Page - NXP Semiconductors LPC1111 Datasheet HTML 62Page - NXP Semiconductors LPC1111 Datasheet HTML 63Page - NXP Semiconductors LPC1111 Datasheet HTML 64Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
LPC1111_12_13_14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 22 June 2011
60 of 64
NXP Semiconductors
LPC1111/12/13/14
32-bit ARM Cortex-M0 microcontroller
15. Revision history
Table 22.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
LPC1111_12_13_14 v.5
20110622
Product data sheet
-
LPC1111_12_13_14 v.4
Modifications:
• ADC sampling frequency corrected in Table 7 (Table note 7).
• Pull-up level specified in Table 3 to Table 4 and Section 7.7.1.
• Parameter Tcy(clk) corrected on Table 17.
• WWDT for parts LPC111x/102/202/302 added in Section 2 and Section 7.15.
• Programmable open-drain mode for parts LPC111x/102/202/302 added in Section 2
and Section 7.12.
• Condition for parameter Tstg in Table 5 updated.
• Table note 4 of Table 5 updated.
• Section 13 added.
• Removed PLCC44 package information.
LPC1111_12_13_14 v.4
20110210
Product data sheet
-
LPC1111_12_13_14 v.3
Modifications:
• Power consumption graphs added for parts LPC111x/102/202/302 (Figure 13 to
Figure 17).
• Parameter Vhys for I2C bus pins: typical value corrected Vhys = 0.05VDD in Table 7.
• Typical value for parameter Nendu added in Table 12 “Flash characteristics”.
• I2C-bus pins configured as standard mode pins, parameter IOL changed to 3.5 mA
(minimum) for 2.0 V
 V
DD  3.6 V.
• Section 11.6 “ElectroMagnetic Compatibility (EMC)” added.
• Power-up characterization added (Section 10.1 “Power-up ramp conditions”).
LPC1111_12_13_14 v.3
20101110
Product data sheet
-
LPC1111_12_13_14 v.2
Modifications:
• Parts LPC111x/102/202/302 added (LPC1100L series).
• Power consumption data for parts LPC111x/102/202/302 added in Table 7.
• PLL output frequency limited to 100 MHz in Section 7.15.2.
• Description of RESET and WAKEUP functions updated in Section 6.
• WDT description updated in Section 7.14. The WDT is a 24-bit timer.
• Power profiles added to Section 2 and Section 7 for parts LPC111x/102/202/302.
LPC1111_12_13_14 v.2
20100818
Product data sheet
-
LPC1111_12_13_14 v.1
Modifications:
• VESD limit changed to 6500 V (min) /+6500 V (max) in Table 6.
• tDS updated for SPI in master mode (Table 17).
• Deep-sleep mode functionality changed to allow BOD and watchdog oscillator as the
only analog blocks allowed to remain running in Deep-sleep mode (Section 7.15.5.3).
• VDD range changed to 3.0 V  VDD  3.6 V in Table 15.
• Reset state of pins and start logic functionality added in Table 3 to Table 5.
• Section 7.16.1 added.
• Section “Memory mapping control” removed.
• VOH and IOH specifications updated for high-drive pins in Table 7.
• Section 9.4 added.
LPC1111_12_13_14 v.1
20100416
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com