Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 108 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1850 Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 104Page - NXP Semiconductors LPC1850 Datasheet HTML 105Page - NXP Semiconductors LPC1850 Datasheet HTML 106Page - NXP Semiconductors LPC1850 Datasheet HTML 107Page - NXP Semiconductors LPC1850 Datasheet HTML 108Page - NXP Semiconductors LPC1850 Datasheet HTML 109Page - NXP Semiconductors LPC1850 Datasheet HTML 110Page - NXP Semiconductors LPC1850 Datasheet HTML 111Page - NXP Semiconductors LPC1850 Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 142 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2.2 — 9 September 2011
108 of 142
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
Fig 36. External static memory read/write access (PB = 1)
RD1
WR1
EMC_Ax
WR8
WR4
WR8
EMC_CSx
RD2
RD7
RD7
RD4
EMC_OE
EMC_BLSx
EMC_WE
RD5
WR6
WR2
RD5
RD5
RD5
RD6
RD3
EOR
EOW
EMC_Dx
WR3
WR5
WR7
002aag215
Fig 37. External static memory burst read cycle
RD5
RD5
RD5
RD5
EMC_Ax
EMC_CSx
EMC_OE
EMC_BLSx
EMC_WE
EMC_Dx
002aag216
Table 16.
Dynamic characteristics: Dynamic external memory interface, read strategy bits (RD bits) = 00
CL =30 pF, Tamb = 40 C to 85 C, VDD(REG)(3V3) = <tbd>.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tcy(clk)
clock cycle time
<tbd>
-
-
ns
Common to read and write cycles
td(SV)
chip select valid delay time
<tbd>
<tbd>
<tbd>
ns
th(S)
chip select hold time
<tbd>
<tbd>
<tbd>
ns
td(RASV)
row address strobe valid delay time
<tbd>
<tbd>
<tbd>
ns
th(RAS)
row address strobe hold time
<tbd>
<tbd>
<tbd>
ns
td(CASV)
column address strobe valid delay time
<tbd>
<tbd>
<tbd>
ns
th(CAS)
column address strobe hold time
<tbd>
<tbd>
<tbd>
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com