Electronic Components Datasheet Search
  English  ▼

X  

KMA200 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # KMA200
Description  Programmable angle sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMA200 Datasheet(HTML) 4 Page - NXP Semiconductors

  KMA200 Datasheet HTML 1Page - NXP Semiconductors KMA200 Datasheet HTML 2Page - NXP Semiconductors KMA200 Datasheet HTML 3Page - NXP Semiconductors KMA200 Datasheet HTML 4Page - NXP Semiconductors KMA200 Datasheet HTML 5Page - NXP Semiconductors KMA200 Datasheet HTML 6Page - NXP Semiconductors KMA200 Datasheet HTML 7Page - NXP Semiconductors KMA200 Datasheet HTML 8Page - NXP Semiconductors KMA200 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
KMA200
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 7 December 2011
4 of 33
NXP Semiconductors
KMA200
Programmable angle sensor
5.
Functional description
The KMA200 amplifies two orthogonal sinusoidal signals delivered by the MR-sensor
element and converts them into the digital domain. Using the COordinate Rotation DIgital
Computer (CORDIC) algorithm, the angle is calculated. Angle output is either analog or
digital. The KMA200 comprises diagnostic features that ensure a complete online
supervision of all essential functional blocks including verification of input and output
signals and temperature supervision. In addition, the circuit is protected against reverse
polarity, overvoltage and short circuit at all external pins.
Two instrumentation amplifiers and
-modulators convert the amplified signals into two
high-speed digital bit streams. The bit streams are filtered and decimated by two digital
decimation filters to obtain digital signals with higher resolution at a lower speed.
Further processing is done within an on-chip calibration microcontroller. This includes
offset cancellation, calculation of the mechanical angle using the CORDIC algorithm,
zero-angle and angular-range adjustment.
In addition, the calibration microcontroller performs diagnostic tasks to ensure the validity
of its results. The calibration microcontroller takes calibration constants from an on-chip
EEPROM and stores intermediate results in a Random Access Memory (RAM). The
calculated angle is given out either digitally with an SPI-compatible serial interface or
analog via the analog output stage. Several output characteristics can be selected.
In case of analog output the analog output stage is used for conversion of the angle
information into two analog output voltages ratiometric to the supply voltages. For this
purpose, the analog output stage contains two resistor-string Digital-to-Analog Converters
(DACs) which share the same resistor string. The two analog output voltages are buffered
by two offset-compensated amplifiers.
The internal circuitry is protected against overvoltage with special protection circuits.
Protection against reverse polarity is realized with the help of a current limiting circuit.
In addition, there are various support circuits like bias generators, a free-running oscillator
including an oscillator fail-safe circuit and a power-on reset circuit which generates a reset
in dependence of the supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com