Electronic Components Datasheet Search
  English  ▼

X  

KMA200 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # KMA200
Description  Programmable angle sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMA200 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button KMA200 Datasheet HTML 19Page - NXP Semiconductors KMA200 Datasheet HTML 20Page - NXP Semiconductors KMA200 Datasheet HTML 21Page - NXP Semiconductors KMA200 Datasheet HTML 22Page - NXP Semiconductors KMA200 Datasheet HTML 23Page - NXP Semiconductors KMA200 Datasheet HTML 24Page - NXP Semiconductors KMA200 Datasheet HTML 25Page - NXP Semiconductors KMA200 Datasheet HTML 26Page - NXP Semiconductors KMA200 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
KMA200
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 7 December 2011
23 of 33
NXP Semiconductors
KMA200
Programmable angle sensor
Address B: storage the assembly lot no. (maximum 65535)
13.4 Write RAM (0nh), read RAM (1nh)
To write data to the RAM the command byte 0nh (n is the address of the data) followed by
the 16-bit data has to be send. To read data from the RAM, the command byte 1nh has to
be send. If CS is activated again, the RAM contents at the specified address is clocked
out. Note that at power-on addresses 00h to 0Fh are read from the EEPROM into the
RAM.
13.5 Calculate CRC-16 and program EEPROM (30h)
To program the EEPROM, the configuration data has to be written to the RAM addresses
00h to 0Eh. Afterwards, the command byte 30h has to be sent and the EEPROM
programming voltage has to be applied at the VDD pin. The KMA200 calculates the
CRC-16 check sum and writes the RAM constants at addresses 00h to 0Fh to the
EEPROM. This command is only executed when the EP bit in the control information word
is logic 0 on power-on. If the EP bit is logic 1, this command is ignored.
Table 9.
EEPROM content
Address
Name
Description
0
sensor_offset_1
dependent of individual production calibration results
1
sensor_offset_2
dependent of individual production calibration results
2
zero_angle
mechanical 0
 position relative to the zero point of the
sensor output; used for zero-angle calibration
default value: 0000h (0
)
3
angular_range
definition of the angular input range that is mapped to the
whole analog output signal range
default value: 0000h (180
)
4
thresh
threshold for programmable output in mode 3
default value: internal CRC of the addresses 0, 1, 5, C, D
and E
5
temp_vref, temp_offs
dependent of individual production calibration results
6Tshut(res), Twarn(res)
temperature warning and temperature shutdown level; used
for temperature supervision default value: FAF8h
(temperature shutdown at 200
C, warning at 198 C)
7
ctrl1
control information word 1; used for selection of various
operating modes default value: 4046h (output mode
standard + mode 1)
8
ctrl2
control information word 2; configures the diagnostic
functions default value: 0704h (temperature supervision is
on; input stage diagnosis is on; output stage diagnosis is off)
9V(CL)l, V(CL)u
clamping voltage levels of analog outputs
default value: 00FFh (clamping level LOW at 5 %VDD,
clamping level HIGH at 95 %VDD)
A
id1
sensor identifier 1; this data is not evaluated by the KMA200
and is used for sensor identification
B
id2
sensor identifier 2; this data is not evaluated by the KMA200
and is used for sensor identification
C
anom, tc_anom
dependent of individual production calibration results



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com