Electronic Components Datasheet Search
  English  ▼

X  

KMA200 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # KMA200
Description  Programmable angle sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMA200 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button KMA200 Datasheet HTML 7Page - NXP Semiconductors KMA200 Datasheet HTML 8Page - NXP Semiconductors KMA200 Datasheet HTML 9Page - NXP Semiconductors KMA200 Datasheet HTML 10Page - NXP Semiconductors KMA200 Datasheet HTML 11Page - NXP Semiconductors KMA200 Datasheet HTML 12Page - NXP Semiconductors KMA200 Datasheet HTML 13Page - NXP Semiconductors KMA200 Datasheet HTML 14Page - NXP Semiconductors KMA200 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
KMA200
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 7 December 2011
11 of 33
NXP Semiconductors
KMA200
Programmable angle sensor
8.
Digital output (SPI)
Standard digital output
If the standard digital output mode is configured, output data can be read with the serial
interface. Figure 7 shows the timing diagram of an interface access. The access is
enclosed by a HIGH-to-LOW and LOW-to-HIGH transition of CS.
DATA are clocked out at the falling edge of CLK and should be evaluated at the rising
edge. The output data consist of 3 bytes (24 bits). The first two data bytes contain an error
flag and 13 bits of angle information. The last data byte contains the measured
temperature as 7-bit value. Every byte features a parity bit (odd parity).
The data transmission can be interrupted at any time by deactivating CS. If, for instance,
the temperature information is not desired, the data transfer can be finished by
deactivating CS after reading the first two data bytes.
If the error flag is 0, the 13 angle data bits contain the most significant bits of the
calculated angle. If the error flag is 1, an error condition was detected. The two least
significant angle data bits (A[1:0]) are replaced by an error code. All other angle data bits
(A[12:2]) still show the current measurement value. Depending on the special error case,
the measurement values are reliable or not. Error codes are described in Table 8.
The output driver of the DATA pin is slew-rate limited. The rise and fall times of the DATA
output can be programmed with the SL bit (ctrl EEPROM constant); see Table 12.
Complementary digital output
In complementary digital output mode the data transmitted is identical to the output data in
standard digital output mode except that the angle and temperature information data bits
are logically inverted. The error flag and the error code in bits A[1:0] when the error flag is
set are coded as in case of standard digital output. The parity bits also use odd parity as
standard digital output mode.
Fig 7.
Digital output coding
006aaa302
CS
CLK
DATA
angle (MSBs)
angle (LSBs)
temperature
DATA HIGH-Z (HIGH by internal weak pullup)
Parity bits (odd parity)
Error flag
13-bit angle data
7-bit temperature data
P2, P1, P0
EF
A12 to A0
T6 to T0
P2
A12
A11
EF
A7
A6
A5
P1
A0
T6
T5
P0
T0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com