Electronic Components Datasheet Search
  English  ▼

X  

KMA200 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # KMA200
Description  Programmable angle sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMA200 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button KMA200 Datasheet HTML 12Page - NXP Semiconductors KMA200 Datasheet HTML 13Page - NXP Semiconductors KMA200 Datasheet HTML 14Page - NXP Semiconductors KMA200 Datasheet HTML 15Page - NXP Semiconductors KMA200 Datasheet HTML 16Page - NXP Semiconductors KMA200 Datasheet HTML 17Page - NXP Semiconductors KMA200 Datasheet HTML 18Page - NXP Semiconductors KMA200 Datasheet HTML 19Page - NXP Semiconductors KMA200 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
KMA200
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 7 December 2011
16 of 33
NXP Semiconductors
KMA200
Programmable angle sensor
[1]
Diagnosis GND and VDD lost only possible with a pull-up resistor of 5 k to 6 k.
[2]
Diagnosis VDD lost only possible with a pull-down resistor of 5 k to 6 k.
[3]
Load resistor required to enable the diagnosis features. Infinite resistor load permitted for normal operation without the diagnosis
features.
[4]
Analog outputs need to be low-pass filtered (corner frequency about 1.3 kHz).
[5]
See Figure 9.
On-chip temperature sensor characteristics
Tsen
sensor temperature
chip temperature
50
-
+180
C
Tsen(res)
sensor temperature resolution
chip temperature
-
2
-
C/LSB
T
sen
sensor temperature accuracy
chip temperature
5-
+5
C
Twarn(res)
warning temperature resolution
setting by EEPROM address 6
-
2
-
C
Tshut(res)
shut-down temperature
resolution
setting by EEPROM address 6
-
2
-
C
SPI characteristics
VIL
LOW-level input voltage
for VX =CLK, CS, DATA
0
-
25
%VDD
VIH
HIGH-level input voltage
for VX =CLK, CS, DATA
75
-
100
%VDD
VOL
LOW-level output voltage
Isink <2 mA
0
-
15
%VDD
VOH
HIGH-level output voltage
Isource <2mA
85
-
100
%VDD
IOM
peak output current
current limitation of the device
-
-
20
mA
tr(o)
output rise time
normal operation mode from
10 %VDD to 90 %VDD, CL = 100 pF
(SL bit = 0)
100
-
400
ns
(SL bit = 1)
500
-
1300
ns
tf(o)
output fall time
(SL bit = 0)
100
-
400
ns
(SL bit = 1)
500
-
1300
ns
fclk
clock frequency
for VX = CLK
1
-
1000
kHz
Dynamics
tpu
power-up time
until first valid result
-
-
10
ms
fupd(meas)
measurement update rate
at oscillator frequency
3
4
5
kHz
ts
settling time
after ideal input angle step until
analog standard output reaches
90 % of final value, at nominal
oscillator frequency, CL =5nF
-1
1.8
ms
Table 7.
Characteristics …continued
In homogenous magnetic field at saturation field strength of minimum 35 kA/m and external capacitance Cext between VDD
and GND. Tamb = 40 C to +160 C; VDD = 4.5 V to 5.5 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com